データシートサーチシステム |
|
C-127-1250C-FDFB-SLC2-G5 データシート(PDF) 4 Page - Source Photonics, Inc. |
|
C-127-1250C-FDFB-SLC2-G5 データシート(HTML) 4 Page - Source Photonics, Inc. |
4 / 7 page 4 1.25 Gbps Single Mode SFF LC Transceiver C-1xx-1250(C)-FDFB-SLCx 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS771-Nov2707 Rev A.1 LUMINENTOIC.COM Tx Rx TERMINATE AT TRANSCEIVER INPUTS Z=50� Z=50� 100� TD- TD+ 130� Vcc(+3.3V) 100� RD+ RD- SD Z=50� Z=50� Z=50� Vcc(+3.3V) Vcc(+3.3V) PHY DEVICE LVPECL LVPECL 10�F C3 C2 1�H 6 7 8 10 9 1 2 3 4 5 1�H C1 TERMINATE AT DEVICE INPUTS NOTE:C1=C2=C3=100nF Vcc(+3.3V) 130� LVTTL Tx Disable LVTTL Tx Rx TERMINATE AT TRANSCEIVER INPUTS Z=50� Z=50� 100� TD- TD+ 130� 82� Vcc(+3.3V) 100� RD+ RD- SD Z=50� Z=50� Z=50� 130� 130� Vcc(+3.3V) Vcc(+3.3V) PHY DEVICE LVPECL LVPECL 10�F C3 C2 1�H 6 7 8 10 9 1 2 3 4 5 1�H C1 TERMINATE AT DEVICE INPUTS NOTE:C1=C2=C3=100nF Vcc(+3.3V) 130� 130� LVTTL Tx Disable LVPECL Recommended Circuit Schematic The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance. C-1xx-1250C-FDFB-SLCx C-1xx-1250-FDFB-SLCx |
同様の部品番号 - C-127-1250C-FDFB-SLC2-G5 |
|
同様の説明 - C-127-1250C-FDFB-SLC2-G5 |