データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-129-155C-FDFB-SLC5S データシート(PDF) 7 Page - Source Photonics, Inc.

部品番号 C-129-155C-FDFB-SLC5S
部品情報  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-129-155C-FDFB-SLC5S データシート(HTML) 7 Page - Source Photonics, Inc.

  C-129-155C-FDFB-SLC5S Datasheet HTML 1Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 2Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 3Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 4Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 5Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 6Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 7Page - Source Photonics, Inc. C-129-155C-FDFB-SLC5S Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
Recommended Panel mounting
DIMENSION IN MILLIMETER (INCHES)
Recommended Board Layout Hole Pattern
1.THIS FIGURE DESCRIBE THE RECOMMAND CIRCUIT BOARD LAYOUT FOR THE SFF TRANSCEIVER.
2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFF. NO METAL
TRACES OR GROUND CONNECTION IN KEEP-OUT AREAS.
3.THE MOUNTING STUDS SHOULD BE SOLDERED TO CHASSIS GROUND FOR MECHANICAL INTEGRITY.
DIMENSION IN MILLIMETER (INCHES)
NOTES:


同様の部品番号 - C-129-155C-FDFB-SLC5S

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-129-1250-FDFB-SLC2 SOURCE-C-129-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC2-G5 SOURCE-C-129-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC3 SOURCE-C-129-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC3-G5 SOURCE-C-129-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-129-1250-FDFB-SLC4 SOURCE-C-129-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

同様の説明 - C-129-155C-FDFB-SLC5S

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com