データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AS298AN データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AS298AN
部品情報  QUADRUPLE 2-INPUT MULTIPLEXER WITH STORAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AS298AN データシート(HTML) 6 Page - Texas Instruments

  SN74AS298AN Datasheet HTML 1Page - Texas Instruments SN74AS298AN Datasheet HTML 2Page - Texas Instruments SN74AS298AN Datasheet HTML 3Page - Texas Instruments SN74AS298AN Datasheet HTML 4Page - Texas Instruments SN74AS298AN Datasheet HTML 5Page - Texas Instruments SN74AS298AN Datasheet HTML 6Page - Texas Instruments SN74AS298AN Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN74AS298A
QUADRUPLE 2-INPUT MULTIPLEXER
WITH STORAGE
SDAS219B – DECEMBER 1983 – REVISED DECEMBER 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/ 74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 3. Load Circuits and Voltage Waveforms


同様の部品番号 - SN74AS298AN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AS20 TI-SN74AS20 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20 TI-SN74AS20 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20D TI-SN74AS20D Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20D TI-SN74AS20D Datasheet
114Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74AS20D TI1-SN74AS20D Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
More results

同様の説明 - SN74AS298AN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54298 TI-SN54298 Datasheet
483Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399 Datasheet
144Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399_07 Datasheet
942Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
logo
Hitachi Semiconductor
HD74LS298 HITACHI-HD74LS298 Datasheet
64Kb / 6P
   Quadruple 2-input Multiplexers(with storage)
HD74AC298 HITACHI-HD74AC298 Datasheet
58Kb / 10P
   Quad 2-Input Multiplexer with Storage
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
   Quad 2-input multiplexer with storage
1989 Aug 14
logo
Motorola, Inc
SN54LS298 MOTOROLA-SN54LS298 Datasheet
187Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH STORAGE
logo
NXP Semiconductors
HEF4019B PHILIPS-HEF4019B Datasheet
40Kb / 4P
   Quadruple 2-input multiplexer
January 1995
HEF4519B PHILIPS-HEF4519B Datasheet
41Kb / 4P
   Quadruple 2-input multiplexer
January 1995
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com