データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B-13-14-1250-T-SSCA-G5 データシート(PDF) 5 Page - Source Photonics, Inc.

部品番号 B-13-14-1250-T-SSCA-G5
部品情報  1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-14-1250-T-SSCA-G5 データシート(HTML) 5 Page - Source Photonics, Inc.

  B-13-14-1250-T-SSCA-G5 Datasheet HTML 1Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 2Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 3Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 4Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 5Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 6Page - Source Photonics, Inc. B-13-14-1250-T-SSCA-G5 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
1.25 Gbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/14-1250(C)-T3-SSC
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1828-May1308
Rev A.0
Package Diagram
Units in mm
B-13/14-1250(C)-T3-SSC


同様の部品番号 - B-13-14-1250-T-SSCA-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2 SOURCE-B-13-1250-T-SSC2 Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2A SOURCE-B-13-1250-T-SSC2A Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2AG5 SOURCE-B-13-1250-T-SSC2AG5 Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
B-13-1250-T-SSC2AGR SOURCE-B-13-1250-T-SSC2AGR Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
More results

同様の説明 - B-13-14-1250-T-SSCA-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-1250C-F-SSC SOURCE-B-13-15-1250C-F-SSC Datasheet
693Kb / 10P
   1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com