データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-13-155-F-SLC5A-55-G5 データシート(PDF) 9 Page - Source Photonics, Inc.

部品番号 C-13-155-F-SLC5A-55-G5
部品情報  155 Mbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-F-SLC5A-55-G5 データシート(HTML) 9 Page - Source Photonics, Inc.

Back Button C-13-155-F-SLC5A-55-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 8Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 9Page - Source Photonics, Inc. C-13-155-F-SLC5A-55-G5 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLCx(-55)-G5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1931-Aug0508
Rev A.0
LUMINENTOIC.COM
Ordering Information
C - 13 - 155
- F - S LC TxPower Temperature Package -xx -RoHS
• 13 = Wavelength 1310nm
• Communication protocol (155Mbps)
155 = PECL Signal Detection Output
• Connector options
• Tx Power range
Blank = -19 to -12 dBm
3 = -15 to -8 dBm
5 = -5 to 0 dBm
• F = +3.3V SFF Transceiver, FP
• Single mode fiber
• Package
Blank = Standard package
S = EMI Shielding Finger package
Available Options:
C-13-155-F-SLC3A-G5
C-13-155-F-SLCAS-G5
C-13-155-F-SLC5AS-G5
Part numbering Definition:
• Temperature
A = Industrial temperature(-40 to 85 ºC)
• Ordering Information
G5 = RoHS compliant
• -55 = lead soldered
Blank = lead free solderd
C-13-155-F-SLC3AS-55-G5
C-13-155-F-SLCAS-55-G5
C-13-155-F-SLC5AS-55-G5


同様の部品番号 - C-13-155-F-SLC5A-55-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-F-SLC5A-12 SOURCE-C-13-155-F-SLC5A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-12-G5 SOURCE-C-13-155-F-SLC5A-12-G5 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC5A-GR SOURCE-C-13-155-F-SLC5A-GR Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
More results

同様の説明 - C-13-155-F-SLC5A-55-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3A-12 SOURCE-C-13-155-F-SLC3A-12 Datasheet
758Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-FDFB-SLC8A-G5 SOURCE-C-13-155-FDFB-SLC8A-G5 Datasheet
272Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-15-155-FDFB-SLC8 SOURCE-C-15-155-FDFB-SLC8 Datasheet
880Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC SOURCE-C-13-155-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-3380W-CXX0G OPTOWAY-TRSL-3380W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33100W-CXX0G OPTOWAY-TRSL-33100W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
TRSL-33120W-CXX0G OPTOWAY-TRSL-33120W-CXX0G Datasheet
162Kb / 5P
   3.3V / CWDM / 155 Mbps SFF 2X10 LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com