データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDI453226-220F データシート(PDF) 5 Page - Superworld Electronics

部品番号 SDI453226-220F
部品情報  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI453226-220F データシート(HTML) 5 Page - Superworld Electronics

  SDI453226-220F Datasheet HTML 1Page - Superworld Electronics SDI453226-220F Datasheet HTML 2Page - Superworld Electronics SDI453226-220F Datasheet HTML 3Page - Superworld Electronics SDI453226-220F Datasheet HTML 4Page - Superworld Electronics SDI453226-220F Datasheet HTML 5Page - Superworld Electronics SDI453226-220F Datasheet HTML 6Page - Superworld Electronics SDI453226-220F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WIREWOUND CHIP INDUCTORS
SDI453226 SERIES
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
31.07.2008
Figure 3. Hand Soldering
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
Soldering
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
seen by the circuit when immersed in the molten solder wave, typical at 240°C. Due to the risk of thermal damage to
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
Within 3secs.
Over 1min.
Gradual Cooling
Note :
7-2.3 Soldering Iron (Figure 2) :
a soldering iron must be employed the following precautions are recommended.
is shown in Figure 2.
Soldering
Over
1min.
Within 10secs.
Figure 1. Re-flow Soldering
Over
1min.
Preheating
Soldering
Figure 2. Wave Soldering
Within 3secs.
Over 2mins.
Gradual Cooling
Natural
cooling
150
Preheating
250
Gradual Cooling
cooling
Natural
Preheating
280
c) Never contact the ceramic with the iron tip
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
a) Preheat circuit and products to 150°C.
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
b) 280°C tip temperature (max)
Natural
cooling
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
7. SOLDERING AND MOUNTING :
7-1. Recommended PC Board Pattern
air soldering tools.
7-2.1 Solder Re-flow :
Recommended temperature profiles for re-flow soldering in Figure 1.
7-2.2 Solder Wave :
7-2. Soldering
230
150
230
230
150
2.0
2.0
1.2


同様の部品番号 - SDI453226-220F

メーカー部品番号データシート部品情報
logo
Superworld Electronics
SDI453226-220F SUPERWORLD-SDI453226-220F Datasheet
202Kb / 5P
   Wire Wound Inductor
More results

同様の説明 - SDI453226-220F

メーカー部品番号データシート部品情報
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com