データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDI453226-102F データシート(PDF) 3 Page - Superworld Electronics

部品番号 SDI453226-102F
部品情報  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI453226-102F データシート(HTML) 3 Page - Superworld Electronics

  SDI453226-102F Datasheet HTML 1Page - Superworld Electronics SDI453226-102F Datasheet HTML 2Page - Superworld Electronics SDI453226-102F Datasheet HTML 3Page - Superworld Electronics SDI453226-102F Datasheet HTML 4Page - Superworld Electronics SDI453226-102F Datasheet HTML 5Page - Superworld Electronics SDI453226-102F Datasheet HTML 6Page - Superworld Electronics SDI453226-102F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WIREWOUND CHIP INDUCTORS
SDI453226 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
31.07.2008
6. RELIABILITY AND TEST CONDITION :
Temp & Humidity
More than 95% of termincal electrode should
28g<weight<136g : 30 Min.
T : weight< 28g : 15 Min.
be covered with solder.
IPC J-STD-002B
Solderability Test
Physical Characteristics Tests
MIL-STD-202G Method 208H
Reference documents:
MIL-STD-202G Method 107G
Reference documents:
Thermal shock test
-40°C
Solder temperature : 245±5°C
Solder : Sn(63)/Pb(37)
Flux : rosin flux
Dip time : 5 secs.
93%RH
40°C
125°C
Step 1 : -40°C for T time
Step 2 : 125°C for T time
Conditions of 1 cycle :
Total : 20 cycles
T
0
T
Temp
Room
Time
Change time < 5 min
Temp
Time
0
96H Test
High temperature
High humidity
1H
2. L/L<30% (Closed Magnetic Circuit)
3. Q/Q < 30%
4. DCR/DCR<10%
L/L<10%
1. No case deformation or change in appearance.
Low Temperature Storage Test
Humidity Test
Reference documents:
MIL-STD-202G Method 103B
Reference documents:
IEC 68-2-1A 6.1 6.2
Reference documents:
MIL-STD-202G Method 108A
ITEM
High Temperature Storage Test
Environmental Tests
Temperature : -25±2°C
Tested while the specimens are still in the chamber
Tested after 1 hour (less than 2 hours) at room temperature
-25°C
Temp
Temp
Measured after 24 hours
Time : 96±2 hours
Tested after 1 hour (less than 2 hours) at room temperature
Exposure : Temperature : 40±2°C, Humidity : 93±3% RH,
Dry oven at temperature of 40±5°C for 24 hours
Room
Time : 96±2 hours
Time
Low temperature
0
Test
96H
TEST CONDITION
Temp
85°C
Temperature : 85±2°C
Temp
Room
Tested after 1 hour (less than 2 hours) at room temperature
PERFORMANCE
Time : 96±2 hours
Time
0
1H
Test
96H
High temperature
1. No case deformation or change in appearance.
4. DCR/DCR<10%
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
3. Q/Q < 30%
1. No case deformation or change in appearance.
4. DCR/DCR<10%
3. Q/Q < 30%
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
Conditions
Room
1. No case deformation or change in appearance.
2. L/L<30% (Closed Magnetic Circuit)
4. DCR/DCR<10%
L/L<10%
3. Q/Q < 30%


同様の部品番号 - SDI453226-102F

メーカー部品番号データシート部品情報
logo
Superworld Electronics
SDI453226-100F SUPERWORLD-SDI453226-100F Datasheet
202Kb / 5P
   Wire Wound Inductor
More results

同様の説明 - SDI453226-102F

メーカー部品番号データシート部品情報
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com