データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74743-0001 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 74743-0001
部品情報  4 Gbps SFP Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74743-0001 データシート(HTML) 2 Page - Molex Electronics Ltd.

  74743-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74743-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/sfpcables.html
Order No. USA-340
Printed in USA/2.5K/JI/JI/2006.03
©2006, Molex
4 Gbps SFP Cable Assemblies
74742 Passive Assemblies
74743 Active Assemblies
ORDERING INFORMATION
Networking Equipment
- Switches
- Routers
- Storage racks
- Hubs (customers: Symbol, Cisco)
Data Communications Equipment
- High-end servers
Typical Customers
- HP
- Network Appliance
- IBM
- EMC
20-Circuit Connector
(Series 74441)
SFP Cage
(Series 74737 and 73927)
SFP Patch Cable
(Series 74742 and 74743)
HSSDC2 Cable
(Series 74538)
HSSDC2 Receptacle
(Series 74703)
Order No.
Connector to Connector
Cable Length
74742-0001
Passive
1.0m (3.28’)
74742-0002
2.0m (6.56’)
74742-0003
3.0m (9.84’)
74743-0001
Active
1.0m (3.28’)
74743-0002
2.0m (6.56’)
74743-0003
3.0m (9.84’)
74743-0004
4.0m (13.12’)
74743-0005
5.0m (16.40’)
74743-0006
6.0m (19.69’)
74743-0007
7.0m (22.97’)
74743-0008
8.0m (26.25’)
74743-0009
9.0m (29.53’)
74743-0010
10.0m (32.81’)
74743-0011
11.0m (36.09’)
74743-0012
12.0m (39.37’)
74743-0013
13.0m (42.65’)
74743-0014
14.0m (45.93’)
74743-0015
15.0m (49.21’)


同様の部品番号 - 74743-0001

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
7474 FAIRCHILD-7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
74740-0002 MOLEX-74740-0002 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
74740-0003 MOLEX-74740-0003 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
More results

同様の説明 - 74743-0001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0747430003 MOLEX1-0747430003 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Active, 4 Gbps, 3.0m Length
0747420002 MOLEX1-0747420002 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Passive, 4 Gbps, 2.0m Length
0747430001 MOLEX1-0747430001 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Active, 4 Gbps, 1.0m Length
0747430002 MOLEX1-0747430002 Datasheet
31Kb / 1P
   Small Form-factor Pluggable (SFP) Cable Assembly, Active, 4 Gbps, 2.0m Length
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
   CABLE ASSEMBLIES/MOUNTS
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
   Flat Cable Assemblies
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com