データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74F1016DWE4 データシート(PDF) 2 Page - Texas Instruments

部品番号 SN74F1016DWE4
部品情報  16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74F1016DWE4 データシート(HTML) 2 Page - Texas Instruments

  SN74F1016DWE4 Datasheet HTML 1Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 2Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 3Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 4Page - Texas Instruments SN74F1016DWE4 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN74F1016
16-BIT SCHOTTKY BARRIER DIODE
R-C BUS-TERMINATION ARRAY
SDFS093 – NOVEMBER 1992 – REVISED DECEMBER 1993
2–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Steady-state reverse voltage, VR
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous forward current, IF: Any D terminal from GND
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total through all GND terminals
170 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive peak forward current, IFRM‡: Any D terminal from GND
300 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total through all GND terminals
1.2 A
. . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature
500 mW
. . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ These values apply for tw ≤ 100 µs, duty cycle ≤ 20%.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
single-diode operation (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IR
Static reverse current
VR = 7 V
2
µA
VFM
Peak forward voltage
IF = 200 mA
1.25
V
VR = 0
80
Ct
Total capacitance
VR = 2 V
60
pF
VR = 3 V
55
† All typical values are at TA = 25°C.
NOTE 1: Test conditions and limits apply separately to each of the diodes. The diodes not under test are open-circuited during the measurement
of these characteristics.
multiple-diode operation
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Ix
Internal crosstalk current
Total GND current = 1.2 A,
See Note 2
10
50
µA
NOTE 2: Ix is measured under the following conditions with one diode static, all others switching:
Switching diodes: tw = 100 µs, duty cycle = 20%;
Static diode: VR = 5 V; the static diode input current is the internal crosstalk current Ix.
switching characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
trr
Reverse recovery time
IF = 10 mA,
IRM(REC) = 10 mA,
IR(REC) = 1 mA, RL = 100 Ω
8
10
ns
undershoot characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VUS
Undershoot voltage
tf = 2 ns, tw = 50 ns, VIH = 5 V, VIL = 0, ZS = 25 Ω, ZO = 50 Ω,
L = 36-inch coaxial cable
0.7
0.8
V


同様の部品番号 - SN74F1016DWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F1016DW TI1-SN74F1016DW Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016DWG4 TI1-SN74F1016DWG4 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016DWR TI1-SN74F1016DWR Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
More results

同様の説明 - SN74F1016DWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74F1016 TI1-SN74F1016_V01 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1018 TI-SN74F1018 Datasheet
86Kb / 5P
[Old version datasheet]   18-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com