データシートサーチシステム |
|
SN74F126N データシート(PDF) 3 Page - Texas Instruments |
|
|
SN74F126N データシート(HTML) 3 Page - Texas Instruments |
3 / 5 page SN74F126 QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS SDFS017A – D3212, JANUARY 1989 – REVISED OCTOBER 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2–3 switching characteristics (see Note 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, CL = 50 pF, RL = 500 Ω, TA = 25°C VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX† UNIT MIN TYP MAX MIN MAX tPLH A Y 2 4 6.5 2 7 ns tPHL A Y 3 5.5 8 2.8 8.5 ns tPZH OE Y 3.8 6 7.5 3.3 8.5 ns tPZL OE Y 3.8 6 8 3.5 8.5 ns tPHZ OE Y 2 4.5 6.5 2 7.5 ns tPLZ OE Y 3 5.5 7.5 3 8 ns † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. NOTE 2: Load circuits and waveforms are shown in Section 1. |
同様の部品番号 - SN74F126N |
|
同様の説明 - SN74F126N |