データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4N37 データシート(PDF) 2 Page - Motorola, Inc

部品番号 4N37
部品情報  STANDARD THRU HOLE CASE 730A-04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N37 データシート(HTML) 2 Page - Motorola, Inc

  4N37 Datasheet HTML 1Page - Motorola, Inc 4N37 Datasheet HTML 2Page - Motorola, Inc 4N37 Datasheet HTML 3Page - Motorola, Inc 4N37 Datasheet HTML 4Page - Motorola, Inc 4N37 Datasheet HTML 5Page - Motorola, Inc 4N37 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4N35 4N36 4N37
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
TA = 25°C
TA = –55°C
TA = 100°C
VF
0.8
0.9
0.7
1.15
1.3
1.05
1.5
1.7
1.4
V
Reverse Leakage Current (VR = 6 V)
IR
10
µA
Capacitance (V = 0 V, f = 1 MHz)
CJ
18
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current (VCE = 10 V, TA = 25°C)
Collector–Emitter Dark Current (VCE = 30 V, TA = 100°C)
ICEO
1
50
500
nA
µA
Collector–Base Dark Current (VCB = 10 V)
TA = 25°C
TA = 100°C
ICBO
0.2
100
20
nA
Collector–Emitter Breakdown Voltage (IC = 1 mA)
V(BR)CEO
30
45
V
Collector–Base Breakdown Voltage (IC = 100 µA)
V(BR)CBO
70
100
V
Emitter–Base Breakdown Voltage (IE = 100 µA)
V(BR)EBO
7
7.8
V
DC Current Gain (IC = 2 mA, VCE = 5 V)
hFE
400
Collector–Emitter Capacitance (f = 1 MHz, VCE = 0)
CCE
7
pF
Collector–Base Capacitance (f = 1 MHz, VCB = 0)
CCB
19
pF
Emitter–Base Capacitance (f = 1 MHz, VEB = 0)
CEB
9
pF
COUPLED
Output Collector Current
TA = 25°C
(IF = 10 mA, VCE = 10 V)
TA = –55°C
TA = 100°C
IC (CTR)(2)
10 (100)
4 (40)
4 (40)
30 (300)
mA (%)
Collector–Emitter Saturation Voltage (IC = 0.5 mA, IF = 10 mA)
VCE(sat)
0.14
0.3
V
Turn–On Time
(IC = 2 mA, VCC = 10 V,
RL = 100 Ω)(3)
ton
7.5
10
µs
Turn–Off Time
(IC = 2 mA, VCC = 10 V,
RL = 100 Ω)(3)
toff
5.7
10
Rise Time
(IC = 2 mA, VCC = 10 V,
RL = 100 Ω)(3)
tr
3.2
Fall Time
tf
4.7
Isolation Voltage (f = 60 Hz, t = 1 sec)
VISO
7500
Vac(pk)
Isolation Current(4) (VI–O = 3550 Vpk)
4N35
Isolation Current (VI–O = 2500 Vpk)
4N36
Isolation Current (VI–O = 1500 Vpk)
4N37
IISO
8
100
100
100
µA
Isolation Resistance (V = 500 V)(4)
RISO
1011
Isolation Capacitance (V = 0 V, f = 1 MHz)(4)
CISO
0.2
2
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 11.
4. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.


同様の部品番号 - 4N37

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
4N37 VISHAY-4N37 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
logo
Everlight Electronics C...
4N37 EVERLIGHT-4N37 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Toshiba Semiconductor
4N37 TOSHIBA-4N37 Datasheet
333Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
ISOCOM COMPONENTS
4N37 ISOCOM-4N37 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
QT Optoelectronics
4N37 QT-4N37 Datasheet
569Kb / 5P
   PHOTOTRANSISTOR OPTOCOULERS
More results

同様の説明 - 4N37

メーカー部品番号データシート部品情報
logo
Motorola, Inc
4N29 MOTOROLA-4N29 Datasheet
287Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
2N5208 MOTOROLA-2N5208 Datasheet
297Kb / 5P
   CASE 29-04,STYLE 2 TO-92(TO-226AA)
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
   04-SRJ10
logo
3M Electronics
529-04-50 3M-529-04-50 Datasheet
57Kb / 1P
   3M??Adapter 529-04-50, 110-120 VAC, 1 EA/Case
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
   Thru - Hole Crystals
HUS MERCURY-HUS Datasheet
104Kb / 1P
   Thru - Hole Crystals
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
   DUAL THRU HOLE
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
   THRU-HOLE TCXO
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com