データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTLP1394DGV データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74GTLP1394DGV
部品情報  2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1394DGV データシート(HTML) 4 Page - Texas Instruments

  SN74GTLP1394DGV Datasheet HTML 1Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 2Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 3Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 4Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 5Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 6Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 7Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 8Page - Texas Instruments SN74GTLP1394DGV Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74GTLP1394
2-BIT LVTTL-TO-GTL+ ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SELECTABLE POLARITY
SCES286 – OCTOBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 6)
MIN
NOM
MAX
UNIT
VCC,
BIAS VCC
Supply voltage
3.15
3.3
3.45
V
VTT
Termination voltage
GTL
1.14
1.2
1.26
V
VTT
Termination voltage
GTL+
1.35
1.5
1.65
V
VREF
Supply voltage
GTL
0.74
0.8
0.87
V
VREF
Supply voltage
GTL+
0.87
1
1.1
V
VI
Input voltage
B port
VTT
V
VI
Input voltage
Except B port
VCC
V
B port
VREF+0.05
VIH
High-level input voltage
ERC
VCC–0.6
VCC
V
Except B port and ERC
2
B port
VREF–0.05
VIL
Low-level input voltage
ERC
GND
0.6
V
Except B port and ERC
0.8
IIK
Input clamp current
–18
mA
IOH
High-level output current
Y
–24
mA
IOL
Low level output current
Y
24
mA
IOL
Low-level output current
B port
100
mA
TA
Operating free-air temperature
–40
85
°C
NOTES:
4. All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5. Normal connection sequence is GND first, BIAS VCC = 3.3 V second, and VCC = 3.3 V, I/O, control inputs, VTT and VREF (any order)
last. However, if the B-port I/O precharge is not required, the acceptable connection sequence is GND first and VCC = 3.3 V, BIAS
VCC = 3.3 V, I/O, control inputs, VTT and VREF (any order) last. When VCC is connected, the BIAS VCC circuitry is disabled.
6. VTT and RTT can be adjusted to accommodate backplane impedances as long as they do not exceed the DC absolute IOL ratings.
Similarly, VREF can be adjusted to optimize noise margins, but normally is 2/3 VTT.


同様の部品番号 - SN74GTLP1394DGV

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLP1394DGVR TI-SN74GTLP1394DGVR Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394DGVR TI1-SN74GTLP1394DGVR Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results

同様の説明 - SN74GTLP1394DGV

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com