データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74SSTL16837A データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74SSTL16837A
部品情報  20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTL16837A データシート(HTML) 1 Page - Texas Instruments

  SN74SSTL16837A Datasheet HTML 1Page - Texas Instruments SN74SSTL16837A Datasheet HTML 2Page - Texas Instruments SN74SSTL16837A Datasheet HTML 3Page - Texas Instruments SN74SSTL16837A Datasheet HTML 4Page - Texas Instruments SN74SSTL16837A Datasheet HTML 5Page - Texas Instruments SN74SSTL16837A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74SSTL16837A
20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCBS675G – SEPTEMBER 1996 – REVISED SEPTEMBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Supports SSTL_3 Signal Inputs and
Outputs
D Flow-Through Architecture Optimizes PCB
Layout
D Meets SSTL_3 Class I and Class II
Specifications
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Packaged in Plastic Thin Shrink
Small-Outline Package
description
This 20-bit universal bus driver is designed for 3-V
to 3.6-V VCC operation and SSTL_3 or LVTTL I/O
levels.
Data flow from A to Y is controlled by the
output-enable (OE) input. The device operates in
the transparent mode when latch enable (LE) is
high. The A data is latched if LE is low and clock
(CLK) is held at a high or low logic level. If LE is
low, the A data is stored in the latch/flip-flop on the
low-to-high transition of CLK. When OE is high,
the outputs are in the high-impedance state.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
The SN74SSTL16837A is characterized for
operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
Widebus is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Y1
Y2
GND
Y3
Y4
VDDQ
Y5
Y6
GND
Y7
Y8
VDDQ
Y9
Y10
GND
OE
VREF
GND
Y11
Y12
VDDQ
Y13
Y14
GND
Y15
Y16
VDDQ
Y17
Y18
GND
Y19
Y20
A1
A2
GND
A3
A4
VCC
A5
A6
GND
A7
A8
VCC
A9
A10
GND
CLK
LE
GND
A11
A12
VCC
A13
A14
GND
A15
A16
VCC
A17
A18
GND
A19
A20
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - SN74SSTL16837A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTL16847 TI-SN74SSTL16847 Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
SN74SSTL16847DGG TI-SN74SSTL16847DGG Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
SN74SSTL16857DGG TI-SN74SSTL16857DGG Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
More results

同様の説明 - SN74SSTL16837A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTL16847 TI-SN74SSTL16847 Datasheet
88Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI-SN74ALVCH162836 Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com