データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CNX82A データシート(PDF) 1 Page - ISOCOM COMPONENTS

部品番号 CNX82A
部品情報  NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISOCOM [ISOCOM COMPONENTS]
ホームページ  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

CNX82A データシート(HTML) 1 Page - ISOCOM COMPONENTS

  CNX82A Datasheet HTML 1Page - ISOCOM COMPONENTS CNX82A Datasheet HTML 2Page - ISOCOM COMPONENTS CNX82A Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6/2/08
APPROVALS
l
UL recognised, File No. E91231
Package System " GG "
'X' SPECIFICATION APPROVALS
l
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
l
Certified to EN60950 by :-
Nemko - Certificate No. P01102464
DESCRIPTION
The CNX82A series of optically coupled isolator
consists of an infrared light emitting diode and an
NPN silicon photo transistor in a standard 6 pin dual
in line plastic package with the base pin unconnected.
FEATURES
l
High Current Transfer Ratio (40% min)
l
Low Saturation Voltage suitable for TTL
integrated circuits
l
High BV
CEO (50V min)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
Base pin unconnected for improved noise
immunity in high EMI environment
APPLICATIONS
l
DC motor controllers
l
Industrial systems controllers
l
Signal transmission between systems of
different potentials and impedances
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUTTRANSISTOR
Collector-emitter Voltage BV
CEO
50V
Emitter-collector Voltage BV
ECO
6V
Collector Current
50mA
Power Dissipation
160mW
POWERDISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
NON-BASE LEAD
OPTICALLY COUPLED ISOLATOR
PHOTOTRANSISTOR OUTPUT
0.26
0.5
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
1
3
4
6
2
5
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
10.46
9.86
0.6
0.1
1.25
0.75
CNX82A
CNX82AX
Dimensions in mm
DB92286
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581


同様の部品番号 - CNX82A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNX82A ETC2-CNX82A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
CNX82A.300W FAIRCHILD-CNX82A.300W Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNX82A.W QT-CNX82A.W Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

同様の説明 - CNX82A

メーカー部品番号データシート部品情報
logo
ISOCOM COMPONENTS
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
IS205 ETC-IS205 Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX62A ETC-CNX62A Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MOC8101 ISOCOM-MOC8101_08 Datasheet
74Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17F-1X ISOCOM-CNY17F-1X Datasheet
68Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
   HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com