データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2547-4000 データシート(PDF) 1 Page - KR Electronics, Inc.

部品番号 2547-4000
部品情報  Lowpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KR [KR Electronics, Inc.]
ホームページ  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2547-4000 データシート(HTML) 1 Page - KR Electronics, Inc.

  2547-4000 Datasheet HTML 1Page - KR Electronics, Inc. 2547-4000 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START .100 000 MHz
STOP 4.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 350 ns
10 ns/
Cor
Avg
16
Smo
PRm
19 Jul 2004 13:56:15
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START .100 000 MHz
STOP 100.000 000 MHz
PRm
19 Jul 2004 13:53:35
KR Electronics 2547-4000
KR 2547-4000 is a 4 MHz, group delay equalized lowpass filter.
Other bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
Elliptic Type Response
Sharp Transition to Stopband
60 dB Typical Stopband
< ±1° Phase Linearity in Passband
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 25 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


同様の部品番号 - 2547-4000

メーカー部品番号データシート部品情報
logo
KR Electronics, Inc.
2547-2000 KR-2547-2000 Datasheet
127Kb / 2P
   Lowpass Filter
More results

同様の説明 - 2547-4000

メーカー部品番号データシート部品情報
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
   Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
   Lowpass Filter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com