データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM7 データシート(PDF) 1 Page - Vanlong Technology Co., Ltd.

部品番号 SM7
部品情報  Ceramic Surface Mount Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VANLONG [Vanlong Technology Co., Ltd.]
ホームページ  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SM7 データシート(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SM7 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2006 by Vanlong Technology Co., Ltd.
SM7
Ceramic Surface Mount Crystal
The SM7 series incorporates a sub-miniature AT-cut strip crystal
resonator housed in a miniature 5.0x3.2x0.9mm ceramic package.
These
compact
crystals
are
ideal
for
surface
mount,
densely-populated PCB applications.
Rugged AT-cut crystal construction
Ultra miniature for maximum spacing saving
Ideally suited for disc driver, PCMCIA, PC’S and hand-held
products
Tight specifications available
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications:
SM7
Frequency Range:
12 MHz ~ 45 MHz
Fundamental
36 MHz ~ 121 MHz
Overtone
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-55
°C ~ +125°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
6 pF ~ 50 pF or series
Equivalent Series Resistance:
Maximum resistance corresponds
to frequency. Please see ESR
table. Typically 50
Ω.
All dimensions are in mm
Marking:
Line 1 : XX.XXX - Frequency in MHz (6 digit)
Line 2 : YWW - Year and Week No.
Drive Level:
10
µW Typical
Ordering Information
Shunt Capacitance:
7 pF max
Aging:
± 2 ppm max per year
Optional Features:
Fundamental
- F
3
rd,5th,7th O.T.
- 3, 5, 7
Tape & Reel
- T
Note:
1. Other frequencies, tolerances, stabilities, and operating temperature ranges available.
Consult VTC Support for specific requirements.
2. Not all combinations of the above tolerances, stabilities, and temperature ranges are
available. Consult VTC Support if your requirement is not standard.
3. All specifications subject to change without notice.
Product name + CL + Operating Temperature
Range + Tolerance + Stability + Other Code +
Frequency.
i.e. SM7-20-C-10-10-F-T-16.000MHz
Frequency Stability Vs. Temperature Range
Temperature Range \ PPM
± 5
± 10
± 15
A
0
°C ~ +50°C
B
-10
°C ~ +60°C
C
-20
°C ~ +70°C
X
L
-40
°C ~ +85°C
X
X
Standard
X N/A
Available Upon Request
SM7
RoHS Compliant


同様の部品番号 - SM7

メーカー部品番号データシート部品情報
logo
Vanlong Technology Co.,...
SM7 VANLONG-SM7 Datasheet
74Kb / 1P
   Creamic Surface Mount Crystal
logo
Littelfuse
SM7 LITTELFUSE-SM7 Datasheet
780Kb / 5P
   The Littelfuse SM7 is a plastic-encapsulated surface mount MOV in a PPS material molded package with tin-plated terminal which is fully qualified in lead free
logo
MIC GROUP RECTIFIERS
SM7.5 MIC-SM7.5 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SM7.5A MIC-SM7.5A Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
More results

同様の説明 - SM7

メーカー部品番号データシート部品情報
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
   Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM62 ECLIPTEK-ECCM62 Datasheet
458Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM5B VANLONG-SM5B Datasheet
35Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6_13 Datasheet
45Kb / 1P
   Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM63 ECLIPTEK-ECCM63 Datasheet
468Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com