データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4003G データシート(PDF) 2 Page - SynSemi, Inc.

部品番号 1N4003G
部品情報  GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNSEMI [SynSemi, Inc.]
ホームページ  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N4003G データシート(HTML) 2 Page - SynSemi, Inc.

  1N4003G Datasheet HTML 1Page - SynSemi, Inc. 1N4003G Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N4001G - BY133G )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : January 10, 2004
0.8
0.6
0.4
0.2
1.0
10
1.0
24
0
30
0
18
12
6
1.0
80
0.1
0.01
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
0.01


同様の部品番号 - 1N4003G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4003G PHILIPS-1N4003G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4003G CHENDA-1N4003G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4003G GULFSEMI-1N4003G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4003G LRC-1N4003G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4003G LRC-1N4003G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

同様の説明 - 1N4003G

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N5400G SYNSEMI-1N5400G Datasheet
36Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
1N5391G EIC-1N5391G_05 Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
DR200G EIC-DR200G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N3611 EIC-1N3611 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
DR200G EIC-DR200G_05 Datasheet
3Mb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5400G EIC-1N5400G_05 Datasheet
44Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5614 EIC-1N5614 Datasheet
125Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N5391G SYNSEMI-1N5391G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
1N4001G EIC-1N4001G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com