データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4935 データシート(PDF) 2 Page - SynSemi, Inc.

部品番号 1N4935
部品情報  FAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNSEMI [SynSemi, Inc.]
ホームページ  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N4935 データシート(HTML) 2 Page - SynSemi, Inc.

  1N4935 Datasheet HTML 1Page - SynSemi, Inc. 1N4935 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N4933 - 1N4937 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Page 2 of 2
Rev. 01 : January 10, 2004
60Hz RESISTIVE OR INDUCTIVE LOAD
0.8
0.6
0.4
0.2
1.0
20
10
1.0
24
0
30
0
18
12
6
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse W idth = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE WAVE
Ta = 50
°C
SET TIME BASE FOR 50/100 ns/cm
Trr
+ 0.5 A
0
- 0.25 A
- 1.0 A
1 cm
OSCILLOSCOPE
( NOTE 1 )
1
50
10
D.U.T.
50 Vdc
(approx.)
PULSE
GENERATOR
( NOTE 2 )
FORWARD VOLTAGE, VOLTS


同様の部品番号 - 1N4935

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N4935 MOTOROLA-1N4935 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4935 ETC2-1N4935 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Semikron International
1N4935 SEMIKRON-1N4935 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Dc Components
1N4935 DCCOM-1N4935 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
1N4935 YFWDIODE-1N4935 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results

同様の説明 - 1N4935

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com