データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SS420PT データシート(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

部品番号 1SS420PT
部品情報  SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENMKO [Chenmko Enterprise Co. Ltd.]
ホームページ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1SS420PT データシート(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  1SS420PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1SS420PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( 1SS420PT)
Ta=125
oC
75
oC
25
oC
-25
oC
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
10u
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100u
1m
10m
100m
1
1n
10n
100n
1u
10u
0.1m
1m
FIG. 2 - REVERSE CHARACTERISTICS
FIG. 1 - FORWARD CHARACTERISTICS
0
20
40
60
80
100
120
Ta=125
oC
75
oC
25
oC
0
2
4
6
8
10
12
14
0.1
0.2
0.5
1
2
5
10
0
2
4
6
0.1
1
10
0.1
0.5
1.0
0.2
2.0
5.0
PULSE
Single pulse
10.0
100
1000
10000
IR=1mA
VR=6V
IRR=1/10IR
0
10
20
30
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FORWARD CURRENT, (mA)
FIG. 4 - REVERSE RECOVERY TIME CHARATERISTICS
PULSE WIDTH, (Sec)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
100
0.01µF
D.U.T.
5
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT


同様の部品番号 - 1SS420PT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
1SS420 TOSHIBA-1SS420 Datasheet
148Kb / 3P
   High-Speed Switching Applications
1SS420 TOSHIBA-1SS420 Datasheet
128Kb / 3P
   Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
logo
SEMTECH ELECTRONICS LTD...
1SS420 SEMTECH_ELEC-1SS420 Datasheet
130Kb / 1P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
1SS420 ZSELEC-1SS420 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Schottky Barrier Diode
logo
Toshiba Semiconductor
1SS420CT TOSHIBA-1SS420CT Datasheet
147Kb / 3P
   High-Speed Switching Applications
More results

同様の説明 - 1SS420PT

メーカー部品番号データシート部品情報
logo
Chenmko Enterprise Co. ...
BAV99N1PT CHENMKO-BAV99N1PT Datasheet
85Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99TPT CHENMKO-BAV99TPT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99WPT CHENMKO-BAV99WPT Datasheet
73Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56WPT CHENMKO-BAW56WPT Datasheet
81Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56N1PT CHENMKO-BAW56N1PT Datasheet
81Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56TPT CHENMKO-BAW56TPT Datasheet
72Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAV99PT CHENMKO-BAV99PT Datasheet
75Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BAW56PT CHENMKO-BAW56PT Datasheet
77Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
1N4148PT CHENMKO-1N4148PT Datasheet
66Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com