データシートサーチシステム |
|
TLV2262CPWLE データシート(PDF) 8 Page - Texas Instruments |
|
TLV2262CPWLE データシート(HTML) 8 Page - Texas Instruments |
8 / 51 page TLV226x, TLV226xA Advanced LinCMOS ™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS186A – FEBRUARY 1997 – REVISED JULY 1999 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2262I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLV2262I TLV2262AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 300 2500 300 950 µV VIO Input offset voltage Full range 3000 1500 µV αVIO Temperature coefficient 25 °C 2 2 µV/°C αVIO of input offset voltage to 85 °C 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VDD ± = ±2.5 V, VIC = 0, VO = 0, RS = 50 Ω 25 °C 0.003 0.003 µV/mo IIO Input offset current 25 °C 0.5 0.5 pA IIO Input offset current Full range 150 150 pA IIB Input bias current 25 °C 1 1 pA IIB Input bias current Full range 150 150 pA 0 – 0.3 0 – 0.3 25 °C to to to to VICR Common-mode input |VIO | ≤5mV RS =50 Ω 4 4.2 4 4.2 V VICR voltage range |VIO | ≤5 mV, RS = 50 Ω 0 0 V Full range to to g 3.5 3.5 IOH = – 20 µA 25 °C 4.99 4.99 IOH = 100 µA 25 °C 4.85 4.94 4.85 4.94 VOH High-level output voltage IOH = – 100 µA Full range 4.82 4.82 V IOH = 400 µA 25 °C 4.7 4.85 4.7 4.85 IOH = – 400 µA Full range 4.6 4.6 VIC = 2.5 V, IOL = 50 µA 25 °C 0.01 0.01 VIC =2 5V IOL = 500 µA 25 °C 0.09 0.15 0.09 0.15 VOL Low-level output voltage VIC = 2.5 V, IOL = 500 µA Full range 0.15 0.15 V VIC =2 5V IOL =1 mA 25 °C 0.2 0.3 0.2 0.3 VIC = 2.5 V, IOL = 1 mA Full range 0.3 0.3 Large signal differential V2 5 V RL 50 kΩ‡ 25 °C 80 170 80 170 AVD Large-signal differential voltage amplification VIC = 2.5 V, VO =1Vto4V RL = 50 kΩ‡ Full range 55 55 V/mV VD voltage am lification VO = 1 V to 4 V RL = 1 MΩ‡ 25 °C 550 550 ri(d) Differential input resistance 25 °C 1012 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, P package 25 °C 8 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 240 240 Ω CMRR Common-mode rejection VIC = 0 to 2.7 V, 25 °C 70 83 70 83 dB CMRR j ratio IC VO = 2.5 V, RS = 50 Ω Full range 70 70 dB kSVR Supply voltage rejection VDD = 4.4 V to 8 V, 25 °C 80 95 80 95 dB kSVR yg j ratio ( ∆VDD/∆VIO) DD VIC = VDD /2, No load Full range 80 80 dB IDD Supply current VO =2 5V No load 25 °C 400 500 400 500 µA IDD Supply current VO = 2.5 V, No load Full range 500 500 µA † Full range is – 40 °C to 85°C. ‡ Referenced to 2.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
同様の部品番号 - TLV2262CPWLE |
|
同様の説明 - TLV2262CPWLE |