データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIP-1987HT-02-1001GF データシート(PDF) 3 Page - IRC - a TT electronics Company.

部品番号 SIP-1987HT-02-1001GF
部品情報  TaNFilm짰 High Temperature DIP and SIP Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRCTT [IRC - a TT electronics Company.]
ホームページ  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SIP-1987HT-02-1001GF データシート(HTML) 3 Page - IRC - a TT electronics Company.

  SIP-1987HT-02-1001GF Datasheet HTML 1Page - IRC - a TT electronics Company. SIP-1987HT-02-1001GF Datasheet HTML 2Page - IRC - a TT electronics Company. SIP-1987HT-02-1001GF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
IRC Advanced Film Division
Ordering Data
TaNFilm® High Temperature
DIP and SIP Networks
4700HT SIP Series
# OF
LEADS
DIM A
6
0.580" ± 0.015
8
0.780" ± 0.015
Environmental Data
Environmental Test
MIL-PRF-55342
Performance
Typical
Maximum
Thermal Shock
±0.02%
±0.10%
Short Time Overload
±0.02%
±0.05%
High Temperature Exposure
±0.03%
±0.10%
Effects of Solder
±0.01%
±0.10%
Moisture Resistance
±0.03%
±0.10%
Life
(1000 hours, 200°C, no load)
±0.08%
±1.0%
Life
(1000 hours, 150°C, rated power)
±0.02%
±0.05%
Power Derating Curve
50
150
200
100
50
10
100
Temperature in °C
Package Prefix
DIP = 1900HT Series; SIP = 4700HT SIP Series
Model
1987HT = 14-pin DIP bussed schematic B
1989HT = 14-pin DIP isolated schematic A
1998HT = 16-pin DIP bussed schematic B
1999HT = 16-pin DIP isolated schematic A
4761HT = 6-pin SIP bussed schematic C
4769HT = 6-pin SIP isolated schematic G
4781HT = 8-pin SIP bussed schematic C
4789HT = 8-pin SIP isolated schematic G
Physical Data (continued)
LEAD MATERIAL:
CDA 110 COPPER ½ HARD (EIP)
PLATED 30-50 µIN. NICKEL
25µIN MINIMUM GOLD
Pin 1 Indicator
0.187
″ ± 0.010
A
0.130
″ + 0.008/-0.010
0.020
″ ± 0.003
0.100
″ ± 0.005
0.135
″+ 0.015/-0.010
0.015
″ Min
Clean Lead
Above Seating Plane
0.050
″ ± 0.003
0.045
″ ± 0.015
0.070
″ ± 0.010
0.322
″ Ref
0.010
″ ± 0.001
0.026
″ ± 0.003
Schematic B
2
1
3 . . .
N-1
R
1
N
N-2 . . .
R
1
Schematic A
1
2
3 . . .
N-1
N
N-2 . . .
. . .
. . .
2
1
3
R
1
4
R
2
Schematic G
2
1
3
R
1
N
R
2
R
N-1
Schematic C
N-1
N
. . .
R
N-1
R
2
R
3
R
2
Schematic G
Schematic C
N = Number of pins
HT Series Issue November 2008 Sheet 3 of 3
SIP - 4789HT - 03 - 1001 F B
Optional Ratio Tolerance to R
1
F=±1.0%; D=±0.5%; C=±0.25%;
B = ±0.1%; A = ±0.05%
Absolute Tolerance
Standard MIL tolerance code
J = ±5%; G = ±2%; F=±1.0%; D=±0.5%; C = ±0.25%; B = ±0.1%
Resistance
Standard MIL resistance code.
Example: 1001 = 1000 Ω; 50R0 = 50Ω
Absolute TCR
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C


同様の部品番号 - SIP-1987HT-02-1001GF

メーカー部品番号データシート部品情報
logo
VIGO Photonics S.A.
SIP-10-100K-TO39-G VIGO-SIP-10-100K-TO39-G Datasheet
814Kb / 2P
   SIP series preamplifiers
18/03/2021
SIP-10-100K-TO39-NG VIGO-SIP-10-100K-TO39-NG Datasheet
814Kb / 2P
   SIP series preamplifiers
18/03/2021
SIP-10-100K-TO8-G VIGO-SIP-10-100K-TO8-G Datasheet
814Kb / 2P
   SIP series preamplifiers
18/03/2021
SIP-10-100K-TO8-NG VIGO-SIP-10-100K-TO8-NG Datasheet
814Kb / 2P
   SIP series preamplifiers
18/03/2021
SIP-10-100M-TO39-G VIGO-SIP-10-100M-TO39-G Datasheet
814Kb / 2P
   SIP series preamplifiers
18/03/2021
More results

同様の説明 - SIP-1987HT-02-1001GF

メーカー部品番号データシート部品情報
logo
IRC - a TT electronics ...
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
8900 IRCTT-8900 Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
   SIP NETWORKS
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
   SIP NETWORKS
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
   THICK FILM SIP NETWORKS
logo
Vishay Siliconix
TCN VISHAY-TCN Datasheet
93Kb / 2P
   Capacitors Networks, Coated SIP
Revision: 17-Mar-08
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com