データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2472CDGNR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2472CDGNR
部品情報  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2472CDGNR データシート(HTML) 6 Page - Texas Instruments

Back Button TLV2472CDGNR Datasheet HTML 2Page - Texas Instruments TLV2472CDGNR Datasheet HTML 3Page - Texas Instruments TLV2472CDGNR Datasheet HTML 4Page - Texas Instruments TLV2472CDGNR Datasheet HTML 5Page - Texas Instruments TLV2472CDGNR Datasheet HTML 6Page - Texas Instruments TLV2472CDGNR Datasheet HTML 7Page - Texas Instruments TLV2472CDGNR Datasheet HTML 8Page - Texas Instruments TLV2472CDGNR Datasheet HTML 9Page - Texas Instruments TLV2472CDGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
61
78
CMRR
Common-mode rejection ratio
VIC = 0 to 3 V,
TLV247xC
Full range
59
dB
CMRR
Common-mode rejection ratio
RS = 50 Ω
TLV247xI
Full range
58
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
74
90
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
66
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
77
92
dB
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
68
25
°C
550
750
µ
IDD
Supply current (per channel)
VO = 1.5 V,
No load
Full range
800
µA
25
°C
350
1500
IDD(SHDN)
Supply current in shutdown mode
(TLV2470, TLV2473, TLV2475)
SHDN = 0 V
TLV247xC
Full range
2000
nA
IDD(SHDN)
(TLV2470, TLV2473, TLV2475)
(per channel)
SHDN = 0 V
TLV247xI
Full range
4000
nA
Full range is 0
°C to 70°C for C suffix and - 40°C to 125°C for I suffix. If not specified, full range is - 40°C to 125°C.
operating characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VO(PP) = 0.8 V,
CL = 150 pF,
25
°C
1.1
1.4
SR
Slew rate at unity gain
VO(PP) = 0.8 V,
RL = 10 kΩ
CL = 150 pF,
Full range
0.6
V/
µs
f = 100 Hz
25
°C
28
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
15
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.405
pA /
√Hz
AV = 1
0.02%
THD + N
Total harmonic distortion plus noise
VO(PP) = 2 V,
RL = 10 kΩ,
AV = 10
25
°C
0.1%
THD + N
Total harmonic distortion plus noise
RL = 10 kΩ,
f = 1 kHz
AV = 100
25 C
0.5%
t(on)
Amplifier turnon time
25
°C
5
µs
t(off)
Amplifier turnoff time
RL = OPEN
25
°C
250
ns
Gain-bandwidth product
f = 10 kHz,
RL = 600 Ω
25
°C
2.8
MHz
V(STEP)PP = 2 V,
A = - 1,
0.1%
1.5
AV = -1,
CL = 10 pF,
RL = 10 kΩ
0.01%
°
3.9
ts
Settling time
V(STEP)PP = 2 V,
A = - 1,
0.1%
25
°C
1.6
µs
AV = -1,
CL = 56 pF,
RL = 10 kΩ
0.01%
4
φm
Phase margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
61
°
Gain margin
RL = 10 kΩ,
CL = 1000 pF
25
°C
15
dB
Full range is 0
°C to 70°C for C suffix and - 40°C to 125°C for I suffix. If not specified, full range is - 40°C to 125°C.
Depending on package dissipation rating


同様の部品番号 - TLV2472CDGNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2472CDGNR TI-TLV2472CDGNR Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNR TI-TLV2472CDGNR Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNR TI1-TLV2472CDGNR Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNRG4 TI-TLV2472CDGNRG4 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2472CDGNRG4 TI-TLV2472CDGNRG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

同様の説明 - TLV2472CDGNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI1-TLV247X-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com