データシートサーチシステム |
|
TLV2472IDGNR データシート(PDF) 4 Page - Texas Instruments |
|
|
TLV2472IDGNR データシート(HTML) 4 Page - Texas Instruments |
4 / 41 page TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA FAMILY OF 600− µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS232C - JUNE 1999 - REVISED AUGUST 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) Three members of the family (TLV2470/3/5) offer a shutdown terminal for conserving battery life in portable applications. During shutdown, the outputs are placed in a high-impedance state and the amplifier consumes only 350 nA/channel. The family is fully specified at 3 V and 5 V across an expanded industrial temperature range ( - 40 °C to 125°C). The singles and duals are available in the SOT23 and MSOP packages, while the quads are available in TSSOP. The TLV2470 offers an amplifier with shutdown functionality all in a 6-pin SOT23 package, making it perfect for high density power-sensitive circuits. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID ±VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix - 40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg -65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE: All voltage values, except differential voltages, are with respect to GND. DISSIPATION RATING TABLE PACKAGE θJC ( °C/W) θJA ( °C/W) TA ≤ 25°C POWER RATING D (8) 38.3 176 710 mW D (14) 26.9 122.3 1022 mW D (16) 25.7 114.7 1090 mW DBV (5) 55 324.1 385 mW DBV (6) 55 294.3 425 mW DGN (8) 4.7 52.7 2.37 W DGQ (10) 4.7 52.3 2.39 W N (14, 16) 32 78 1600 mW P (8) 41 104 1200 mW PWP (14) 2.07 30.7 4.07 W PWP (16) 2.07 29.7 4.21 W recommended operating conditions MIN MAX UNIT Single supply 2.7 6 Supply voltage, VDD Split supply ±1.35 ±3 V Common-mode input voltage range, VICR 0 VDD V C-suffix 0 70 ° Operating free-air temperature, TA I-suffix -40 125 °C VIH 2 Shutdown on/off voltage level‡ VIL 0.8 V ‡ Relative to GND |
同様の部品番号 - TLV2472IDGNR |
|
同様の説明 - TLV2472IDGNR |