データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38969-0005 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 38969-0005
部品情報  TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

38969-0005 データシート(HTML) 2 Page - Molex Electronics Ltd.

  38969-0005 Datasheet HTML 1Page - Molex Electronics Ltd. 38969-0005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit our website at www.molex.com/product/tse.html
Order No. 987650-1194
Printed in USA/JI/2007.06
©2007, Molex
12.70mm (.500”) Pitch
TSE Single-Row
Tri-Barrier Terminal Strip
PC Tail Terminal Style
38969
ORDERING INFORMATION
n
Traffic Controls
n
HVAC
n
Security Systems
n
Professional Audio/Visual Equipment
n
Data Acquisition
n
Industrial Controls
n
Factory Automation
n
Power Supplies
n
White Goods
n
Telecommunication Equipment
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Motor Drive
Order No.
Circuit Size
Terminal Style
38969-0002
2
PC Tail
38969-0003
3
38969-0004
4
38969-0005
5
38969-0006
6
38969-0007
7
38969-0008
8
38969-0009
9
38969-0010
10
38969-0011
11
38969-0012
12
38969-0013
13
38969-0014
14
38969-0015
15


同様の部品番号 - 38969-0005

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38969-0005 MOLEX11-38969-0005 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 5
More results

同様の説明 - 38969-0005

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38969-0002 MOLEX11-38969-0002 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 2
38969-0004 MOLEX11-38969-0004 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 4
38969-0008 MOLEX11-38969-0008 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 8
38969-0009 MOLEX11-38969-0009 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 9
38969-0011 MOLEX11-38969-0011 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 11
38969-0003 MOLEX11-38969-0003 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 3
38969-0005 MOLEX11-38969-0005 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 5
38969-0014 MOLEX11-38969-0014 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 14
38969-0010 MOLEX11-38969-0010 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 10
38969-0012 MOLEX11-38969-0012 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 12
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com