データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP13067A データシート(PDF) 9 Page - Texas Instruments

部品番号 TP13067A
部品情報  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TP13067A データシート(HTML) 9 Page - Texas Instruments

Back Button TP13067A Datasheet HTML 5Page - Texas Instruments TP13067A Datasheet HTML 6Page - Texas Instruments TP13067A Datasheet HTML 7Page - Texas Instruments TP13067A Datasheet HTML 8Page - Texas Instruments TP13067A Datasheet HTML 9Page - Texas Instruments TP13067A Datasheet HTML 10Page - Texas Instruments TP13067A Datasheet HTML 11Page - Texas Instruments TP13067A Datasheet HTML 12Page - Texas Instruments TP13067A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TP3064A, TP3067A, TP13064A, TP13067A
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS025C – SEPTEMBER 1992 –REVISED JULY 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
envelope delay distortion with frequency
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit delay, absolute (at 0 dBm0)
f = 1600 Hz
290
315
µs
f = 500 Hz to 600 Hz
195
220
f = 600 Hz to 800 Hz
120
145
f = 800 Hz to 1000 Hz
50
75
Transmit filter gain, relative to absolute
f = 1000 Hz to 1600 Hz
20
40
µs
f = 1600 Hz to 2600 Hz
55
75
f = 2600 Hz to 2800 Hz
80
105
f = 2800 Hz to 3000 Hz
130
155
Receive delay, absolute (at 0 dBm0)
f = 1600 Hz
180
200
µs
f = 500 Hz to 1000 Hz
–40
–25
f = 1000 Hz to 1600 Hz
–30
–20
Receive delay, relative to absolute
f = 1600 Hz to 2600 Hz
70
90
µs
f = 2600 Hz to 2800 Hz
100
125
f = 2800 Hz to 3000 Hz
140
175
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
noise
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit noise, C-message weighted
TP3064A,
TP13064A
VFXI = 0 V
9
14
dBrnC0
Transmit noise, psophometric weighted
(see Note 5)
TP3067A,
TP13067A
VFXI = 0 V
–78
–75
dBm0p
Receive noise, C-message weighted
TP3064A,
TP13064A
PCM code equals alternating positive
and negative zero
2
4
dBrnC0
Receive noise, psophometric weighted
TP3067A,
TP13067A
PCM code equals positive zero
–86
–83
dBm0p
Noise, single frequency
VFXI+ = 0 V,
f = 0 kHz to 100 kHz,
Loop-around measurement
–53
dBm0
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
NOTE 5: Measured by extrapolation from the distortion test result. This parameter is achieved through use of patented circuitry and is not
recommended for applications in which the composite signals on the transmit side are below – 55 dBm0.


同様の部品番号 - TP13067A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TP13067B TI-TP13067B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067BDW TI-TP13067BDW Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13067BN TI-TP13067BN Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

同様の説明 - TP13067A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com