データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1-6D0512 データシート(PDF) 1 Page - Tumbler Technologies + TRUMPower

部品番号 TD1-6D0512
部品情報  DC/DC CONVERTERS 5V Input, 5-6 Watts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRUMPOWER [Tumbler Technologies + TRUMPower]
ホームページ  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD1-6D0512 データシート(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD1-6D0512 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
01/2008
OUTPUT
CURRENT
OUTPUT
POWER
TD1-5S0505
TD1-6S0512
TD1-6S0515
TD1-5D0505
TD1-6D0512
TD1-6D0515
5W
6W
6W
5W
6W
6W
1000 mA
500 mA
400 mA
±500 mA
±250 mA
±200 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
TD1 Series
5V Input, 5-6 Watts
T
4.5 - 5.5 V INPUT
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 4.5-5.5V Input................................5 VDC
Input Filter.............................................................Pi Type
Reverse Voltage Protection..............Internal Shunt Diode
Use External Fuse
OUTPUT SPECIFICATIONS
Voltage Accuracy............................................±2%, Max.
Minimum Load, Single.................................Not Required
Dual................................................20%
Line Regulation...............................................±1%, Max.
Load Regulation, Single NL-FL........................±2%, Max.
Dual, 20%FL-FL..................±5%, Max.
Ripple and Noise, 20MHz BW................100mVp-p, Max.
Short Circuit Protection................................Countinuous
GENERAL SPECIFICATIONS
Efficiency........................................................75% - 81%
Isolation Voltage, Input to Output...........1,500 VDC, Min.
Switching Frequency, 10W/15W................200 KHz, Typ.
Operating Temperature Range................-25°C to +71°C
Derating................... Derate Linearly from 100% at +71°C
to 0% at +100°C
Case Temperature...............................................+100°C
Storage Temperature Range.................-40°C to +100°C
Cooling..............................................Free Air Convection
Weight..................................................2.3 oz. (65 grams)
Case Material...............Metal with Non-Conductive Base
0.20
(5.1)
2.00
(50.8)
0.50
(12.7)
0.30
(7.6)
0.1
(2.5)
BOTTOM
VIEW
+OUT
+IN
-OUT
-IN
0.80
(20.3)
0.60
(15.2)
COM/NC*
0.90
(22.9)
2.00
(50.8)
0.20
(5.0)
* NC (NO CONNECTION) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
0.47
(11.9)


同様の部品番号 - TD1-6D0512

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TD1-6D0512 TRUMPOWER-TD1-6D0512 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
More results

同様の説明 - TD1-6D0512

メーカー部品番号データシート部品情報
logo
CINCON ELECTRONICS Corp...
EC4SAW CINCON-EC4SAW Datasheet
284Kb / 2P
   5-6 WATT WIDE INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TDW-5S2405 TRUMPOWER-TDW-5S2405 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 5-6 Watt
logo
Interpoint Corporation ...
MHL0512D INTERPOINT-MHL0512D Datasheet
98Kb / 7P
   DC/DC CONVERTERS 5 VOLT INPUT
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
EC4A CINCON-EC4A Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Total Power Internation...
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Tumbler Technologies + ...
TA2S-3S123.3 TRUMPOWER-TA2S-3S123.3 Datasheet
68Kb / 1P
   DC/DC CONVERTERS SMD, 2:1 Input, 5-6 Watt
logo
CINCON ELECTRONICS Corp...
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com