データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW60BLT1 データシート(PDF) 2 Page - Motorola, Inc

部品番号 BCW60BLT1
部品情報  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW60BLT1 データシート(HTML) 2 Page - Motorola, Inc

  BCW60BLT1 Datasheet HTML 1Page - Motorola, Inc BCW60BLT1 Datasheet HTML 2Page - Motorola, Inc BCW60BLT1 Datasheet HTML 3Page - Motorola, Inc BCW60BLT1 Datasheet HTML 4Page - Motorola, Inc BCW60BLT1 Datasheet HTML 5Page - Motorola, Inc BCW60BLT1 Datasheet HTML 6Page - Motorola, Inc BCW60BLT1 Datasheet HTML 7Page - Motorola, Inc BCW60BLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BCW60ALT1 BCW60BLT1 BCW60DLT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µAdc, VCE = 5.0 Vdc)
BCW60A
BCW60B
BCW60D
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
BCW60A
BCW60B
BCW60D
(IC = 50 mAdc, VCE = 1.0 Vdc)
BCW60A
BCW60B
BCW60D
hFE
20
30
100
120
175
380
60
70
100
220
310
630
AC Current Gain
(VCE = 5.0 Vdc, IC = 2.0 mAdc, f = 1.0 kHz)
BCW60A
BCW60B
BCW60D
hfe
125
175
350
250
350
700
Collector – Emitter Saturation Voltage
(IC = 50 mAdc, IB = 1.25 mAdc)
(IC = 10 mAdc, IB = 0.25 mAdc)
VCE(sat)
0.55
0.35
Vdc
Base – Emitter Saturation Voltage
(IC = 50 mAdc, IB = 1.25 mAdc)
(IC = 50 mAdc, IB = 0.25 mAdc)
VBE(sat)
0.7
0.6
1.05
0.85
Vdc
Base – Emitter On Voltage
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
0.6
0.75
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
125
MHz
Output Capacitance
(VCE = 10 Vdc, IC = 0, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure
(VCE = 5.0 Vdc, IC = 0.2 mAdc, RS = 2.0 kΩ, f = 1.0 kHz, BW = 200 Hz)
NF
6.0
dB
SWITCHING CHARACTERISTICS
Turn–On Time
(IC = 10 mAdc, IB1 = 1.0 mAdc)
ton
150
ns
Turn–Off Time
(IB2 = 1.0 mAdc, VBB = 3.6 Vdc, R1 = R2 = 5.0 kΩ, RL = 990 Ω)
toff
800
ns
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+ 3.0 V
275
CS < 4.0 pF*
10 k
+ 3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
– 0.5 V
<1.0 ns
10 < t1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
0
– 9.1 V
< 1.0 ns
t1


同様の部品番号 - BCW60BLT1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCW60B PHILIPS-BCW60B Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Guangdong Kexin Industr...
BCW60B KEXIN-BCW60B Datasheet
38Kb / 2P
   NPN General Purpose Transistors
logo
Samsung semiconductor
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
NXP Semiconductors
BCW60B NXP-BCW60B Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BCW60B SIEMENS-BCW60B Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

同様の説明 - BCW60BLT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com