データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW61BLT1 データシート(PDF) 5 Page - Motorola, Inc

部品番号 BCW61BLT1
部品情報  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW61BLT1 データシート(HTML) 5 Page - Motorola, Inc

  BCW61BLT1 Datasheet HTML 1Page - Motorola, Inc BCW61BLT1 Datasheet HTML 2Page - Motorola, Inc BCW61BLT1 Datasheet HTML 3Page - Motorola, Inc BCW61BLT1 Datasheet HTML 4Page - Motorola, Inc BCW61BLT1 Datasheet HTML 5Page - Motorola, Inc BCW61BLT1 Datasheet HTML 6Page - Motorola, Inc BCW61BLT1 Datasheet HTML 7Page - Motorola, Inc BCW61BLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCW61BLT1 BCW61CLT1 BCW61DLT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL DYNAMIC CHARACTERISTICS
Figure 10. Turn–On Time
IC, COLLECTOR CURRENT (mA)
500
Figure 11. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 12. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 13. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
3.0
1.0
500
0.5
10
5.0
7.0
10
20
30
50
70
100
300
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 V
tr
10
20
30
50
70
100
200
300
500
700
– 2.0
–1.0
VCC = – 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
TJ = 25°C
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
Cib
Cob
200
– 3.0
– 5.0 – 7.0
– 20
–10
– 30
– 50 – 70 –100
TJ = 25°C
Figure 14. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k 2.0 k
5.0 k 10 k
20 k
50 k 100 k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN–569)
Z
θJA(t) = r(t) • RθJA
TJ(pk) – TA = P(pk) Z
θJA(t)
t1
t2
P(pk)
FIGURE 19


同様の部品番号 - BCW61BLT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
BCW61BLT1 LRC-BCW61BLT1 Datasheet
258Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
BCW61BLT1 WINNERJOIN-BCW61BLT1_15 Datasheet
150Kb / 1P
   PNP TRANSISTOR
More results

同様の説明 - BCW61BLT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com