データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0242PWP データシート(PDF) 3 Page - Texas Instruments

部品番号 TPA0242PWP
部品情報  STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA0242PWP データシート(HTML) 3 Page - Texas Instruments

  TPA0242PWP Datasheet HTML 1Page - Texas Instruments TPA0242PWP Datasheet HTML 2Page - Texas Instruments TPA0242PWP Datasheet HTML 3Page - Texas Instruments TPA0242PWP Datasheet HTML 4Page - Texas Instruments TPA0242PWP Datasheet HTML 5Page - Texas Instruments TPA0242PWP Datasheet HTML 6Page - Texas Instruments TPA0242PWP Datasheet HTML 7Page - Texas Instruments TPA0242PWP Datasheet HTML 8Page - Texas Instruments TPA0242PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPA0242
STEREO 2-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
SLOS287 – NOVEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP†
(PWP)
–40
°C to 85°C
TPA0242PWP
† The PWP package is available taped and reeled. To order a taped and reeled part,
add the suffix R to the part number (e.g., TPA0242PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
CLK
17
I
If a 47-nF capacitor is attached, the TPA0242 generates an internal clock. An external clock can override
the internal clock input to this terminal.
GND
1, 12
13, 24
Ground connection for circuitry. Connected to thermal pad
LHPIN
6
I
Left channel headphone input, selected when SE/BTL is held high
LIN
10
I
Common left input for fully differential input. AC ground for single-ended inputs
LLINEIN
5
I
Left channel line negative input, selected when SE/BTL is held low
LOUT+
4
O
Left channel positive output in BTL mode and positive output in SE mode
LOUT–
9
O
Left channel negative output in BTL mode and high-impedance in SE mode
HP/LINE
2
I
HP/LINE is the input MUX control input. When the HP/LINE terminal is held high, the headphone inputs
(LHPIN or RHPIN [6, 20]) are active. When the HP/LINE terminal is held low, the line BTL inputs (LLINEIN
or RLINEIN [5, 23]) are active.
PC-BEEP
14
I
The input for PC Beep mode. PC-BEEP is enabled when a > 1-V (peak-to-peak) square wave is input to
PC-BEEP.
PVDD
7, 18
I
Power supply for output stage
RHPIN
20
I
Right channel headphone input, selected when SE/BTL is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended inputs
RLINEIN
23
I
Right channel line input, selected when SE/BTL is held low
ROUT+
21
O
Right channel positive output in BTL mode and positive output in SE mode
ROUT–
16
O
Right channel negative output in BTL mode and high-impedance in SE mode
SE/BTL
15
I
Hold SE/BTL low for BTL mode and hold high for SE mode.
SHUTDOWN
22
I
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown mode.
VDD
19
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest performance.
VOLUME
3
I
VOLUME detects the dc level at the terminal and sets the gain for 31 discrete steps covering a range of
20 dB to –40 dB for dc levels of 0.15 V to 3.54. When the dc level is over 3.54 V, the device is muted.


同様の部品番号 - TPA0242PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0242PWP TI1-TPA0242PWP Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPR TI1-TPA0242PWPR Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPRG4 TI1-TPA0242PWPRG4 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

同様の説明 - TPA0242PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com