データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA301 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA301
部品情報  350-mW MONO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA301 データシート(HTML) 5 Page - Texas Instruments

  TPA301 Datasheet HTML 1Page - Texas Instruments TPA301 Datasheet HTML 2Page - Texas Instruments TPA301 Datasheet HTML 3Page - Texas Instruments TPA301 Datasheet HTML 4Page - Texas Instruments TPA301 Datasheet HTML 5Page - Texas Instruments TPA301 Datasheet HTML 6Page - Texas Instruments TPA301 Datasheet HTML 7Page - Texas Instruments TPA301 Datasheet HTML 8Page - Texas Instruments TPA301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPA301
350-mW MONO AUDIO POWER AMPLIFIER
SLOS208C – JANUARY1998 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
–50
–60
–80
–100
20
100
1 k
–30
–20
f – Frequency – Hz
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
0
10 k 20 k
–10
–40
–70
–90
VDD = 5 V
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
Figure 3
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
1.1
0.7
0.3
–0.1
0.9
0.5
0.1
34
6
2
5
VDD – Supply Voltage – V
SUPPLY CURRENT (SHUTDOWN)
vs
SUPPLY VOLTAGE
0.15
0.1
0.05
34
3.5
4.5
0.35
25
0.2
SHUTDOWN = High
0.25
0.3
5.5
2.5
0.4
0.45
0.5
Figure 4


同様の部品番号 - TPA301

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301D TI-TPA301D Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DG4 TI-TPA301DG4 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGNG4 TI-TPA301DGNG4 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA301

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com