データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA301 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA301
部品情報  350-mW MONO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA301 データシート(HTML) 3 Page - Texas Instruments

  TPA301 Datasheet HTML 1Page - Texas Instruments TPA301 Datasheet HTML 2Page - Texas Instruments TPA301 Datasheet HTML 3Page - Texas Instruments TPA301 Datasheet HTML 4Page - Texas Instruments TPA301 Datasheet HTML 5Page - Texas Instruments TPA301 Datasheet HTML 6Page - Texas Instruments TPA301 Datasheet HTML 7Page - Texas Instruments TPA301 Datasheet HTML 8Page - Texas Instruments TPA301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPA301
350-mW MONO AUDIO POWER AMPLIFIER
SLOS208C – JANUARY1998 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3.3 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Differential output voltage
See Note 1
5
20
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
85
dB
IDD(q)
Supply current (see Figure 3)
BTL mode
0.7
1.5
mA
IDD(sd) Supply current, shutdown mode (see Figure 4)
0.15
5
µA
NOTE 1: At 3 V < VDD < 5 V the dc output voltage is approximately VDD/2.
operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power, see Note 2
THD = 0.5%,
See Figure 9
250
mW
THD + N
Total harmonic distortion plus noise
PO = 250 mW,
Gain = 2,
f = 20 Hz to 4 kHz,
See Figure 7
1.3%
Maximum output power bandwidth
Gain = 2,
See Figure 7
THD = 3%,
10
kHz
B1
Unity-gain bandwidth
Open Loop,
See Figure 15
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
See Figure 2
CB = 1 µF,
71
dB
Vn
Noise output voltage
Gain = 1,
RL = 32 Ω,
CB = 0.1 µF,
See Figure 19
15
µV(rms)
NOTE 2: Output power is measured at the output terminals of the device at f = 1 kHz.
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Differential output voltage
5
20
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
78
dB
IDD(q)
Quiescent current (see Figure 3)
0.7
1.5
mA
IDD(sd) Quiescent current, shutdown mode (see Figure 4)
0.15
5
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.5%,
See Figure 13
700
mW
THD + N
Total harmonic distortion plus noise
PO = 250 mW,
Gain = 2,
f = 20 Hz to 4 kHz,
See Figure 11
1%
Maximum output power bandwidth
Gain = 2,
See Figure 11
THD = 2%,
10
kHz
B1
Unity-gain bandwidth
Open Loop,
See Figure 16
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
See Figure 2
CB = 1 µF,
65
dB
Vn
Noise output voltage
Gain = 1,
RL = 32 Ω,
CB = 0.1 µF,
See Figure 20
15
µV(rms)


同様の部品番号 - TPA301

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301D TI-TPA301D Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DG4 TI-TPA301DG4 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGNG4 TI-TPA301DGNG4 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA301

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com