データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA711 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA711
部品情報  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA711 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA711 Datasheet HTML 7Page - Texas Instruments TPA711 Datasheet HTML 8Page - Texas Instruments TPA711 Datasheet HTML 9Page - Texas Instruments TPA711 Datasheet HTML 10Page - Texas Instruments TPA711 Datasheet HTML 11Page - Texas Instruments TPA711 Datasheet HTML 12Page - Texas Instruments TPA711 Datasheet HTML 13Page - Texas Instruments TPA711 Datasheet HTML 14Page - Texas Instruments TPA711 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230B – NOVEMBER 1998 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
AV = –10 V/V
VDD = 3.3 V
PO = 30 mW
RL = 32 Ω
SE
20
1k
10k
0.1
0.001
10
0.01
20k
100
AV = –1 V/V
1
AV = –5 V/V
Figure 21
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 3.3 V
RL = 32 Ω
AV = –1 V/V
SE
20
1k
10k
0.1
0.001
10
0.01
20k
100
PO = 10 mW
PO = 15 mW
1
PO = 30 mW
Figure 22
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
VDD = 3.3 V
f = 1 kHz
RL = 32 Ω
AV = –1 V/V
SE
1
0.01
10
0.1
PO – Output Power – W
0.02
0.025
0.05
0.03
0.035
0.04
0.045
Figure 23
PO – Output Power – W
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 20 Hz
1
0.01
10
0.1
f = 1 kHz
f = 10 kHz
f = 20 kHz
0.002
0.1
0.01
VDD = 3.3 V
RL = 32 Ω
AV = –1 V/V
SE


同様の部品番号 - TPA711

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA711 TI-TPA711 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711D TI-TPA711D Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DG4 TI-TPA711DG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGNG4 TI-TPA711DGNG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA711

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com