データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC2603 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC2603
部品情報  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603 データシート(HTML) 11 Page - Texas Instruments

Back Button TPIC2603 Datasheet HTML 7Page - Texas Instruments TPIC2603 Datasheet HTML 8Page - Texas Instruments TPIC2603 Datasheet HTML 9Page - Texas Instruments TPIC2603 Datasheet HTML 10Page - Texas Instruments TPIC2603 Datasheet HTML 11Page - Texas Instruments TPIC2603 Datasheet HTML 12Page - Texas Instruments TPIC2603 Datasheet HTML 13Page - Texas Instruments TPIC2603 Datasheet HTML 14Page - Texas Instruments TPIC2603 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPIC2603
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
SLIS056A – FEBRUARY 1995 – REVISED MARCH 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
over-temperature sensing
The TPIC2603 monitors the junction temperature of the die to detect over-temperature conditions which may
damage the device. When the junction temperature goes above approximately 170
°C, the fault logic sets the
global over-temperature fault bit. An over-temperature fault is reported using the serial interface on bit 6 (for 8-bit
configuration) or bit 14 (for 16-bit configuration). The global over-temperature fault output in the serial data is
exclusively ORed with the second bit (bit 6 for 8-bit configuration or bit 14 for 16-bit configuration) of data input
to the SDI terminal. Bit 6 or bit 14 of the input data should be set low. Over-temperature faults are for
informational purposes only and do not affect the state of the drains. Figure 8 illustrates device operation under
over-temperature conditions.
160
°C
170
°C
Junction Temperature
Drains (Not Disabled)
Fault Bit
Figure 8. Over-Temperature Sense
PARAMETER MEASUREMENT INFORMATION
OUTPUT CURRENT
vs
TIME FOR INCREASING LOAD RESISTANCE
Region 1
Region 2
t1
t2
First output current pulses after turn-on in chopping mode with
resistive load.
0
3
0
t1 ≈ 55 µs
t2 ≈ 3.5 ms
t -Time
t - Time
REGION 1 CURRENT WAVEFORM
IL
t2
t1
t1
2
1
Region 3
TC = 25°C
NOTES: A. Region 1 – Analog current limit holds the maximum current while the device runs in chop mode.
B. Region 2 – Analog current limit is removed but device continues in chop mode.
C. Region 3 – Current is below chop mode sense; therefore, it is in normal operation. Variable load is resistance over time.
Figure 9. Chopping-Mode Characteristics


同様の部品番号 - TPIC2603

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DW TI-TPIC2603DW Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWR TI-TPIC2603DWR Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWRG4 TI-TPIC2603DWRG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results

同様の説明 - TPIC2603

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com