データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC43T02DA データシート(PDF) 7 Page - Texas Instruments

部品番号 TPIC43T02DA
部品情報  THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC43T02DA データシート(HTML) 7 Page - Texas Instruments

Back Button TPIC43T02DA Datasheet HTML 3Page - Texas Instruments TPIC43T02DA Datasheet HTML 4Page - Texas Instruments TPIC43T02DA Datasheet HTML 5Page - Texas Instruments TPIC43T02DA Datasheet HTML 6Page - Texas Instruments TPIC43T02DA Datasheet HTML 7Page - Texas Instruments TPIC43T02DA Datasheet HTML 8Page - Texas Instruments TPIC43T02DA Datasheet HTML 9Page - Texas Instruments TPIC43T02DA Datasheet HTML 10Page - Texas Instruments TPIC43T02DA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPIC43T01, TPIC43T02
THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
SLIS098 – APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TC = 25°C, VCC = 24V (unless otherwise noted) (continued)
digital filter f(s) RC oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref(RT)
RT reference voltage
I(RT) = –160 µA
0.19 VDD
0.2 VDD
0.21 VDD
V
VIT+(CT)
CT upper threshold voltage
0.7 VDD
V
VIT–(CT)
CT lower threshold voltage
0.3 VDD
V
V(CT)
CT amplitude
1.9
2
2.1
V
I(CT)
CT charge/discharge current
Measured at VIT+(CT) and VIT–(CT)
1.8 I(RT)
±2 I(RT)
2.2 I(RT)
A
lock detection timer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+(CLT)
CLT upper threshold voltage
0.7 VDD
V
VIT–(CLT)
CLT lower threshold voltage
0.3 VDD
V
V(CLT)
CLT amplitude
1.9
2
2.1
V
I(CLT)
CLT charge/discharge current
Measured at VIT + (CLT) and VIT–(CLT)
1.9 I(RT)
±2 I(RT) 2.3 I(RT)
A
high side gate drive
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC
Clamp voltage
UGX to PHX, I(UGX) = –100 µA
14
16
19
V
VDS(UGX)
Source voltage drop
I(UGX) =–10 mA,
VCP = VCC + 17 V,
Measure VCP – V(UGX),
VCC = 18 V
1
1.2
V
Vsink(UGX)
Sink voltage drop @10 mA
I(UGX)=10 mA,
V(PHx)= 0,
Measure V(UGX) – V(PHx) , VCC = 18 V
1.8
2
V
Vsink(UGX)
Sink voltage drop @100 uA
I(UGX)=10 mA,
V(PHx) = 0,
Measure V(UGX) – V(PHx) , VCC = 18 V
0.56
0.7
V
low side gate drive
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(REG15)
High level output voltage
VCC = 18 to 28 V,
I(LGX) = 0
14
16
19
V
VO(REG15)
High level output voltage
VCC = 8 to 18 V,
I(LGX) = 0
7.9
8
18
V
Vsource(LGX) Source voltage
I(LGX) = –10 mA, with respect to PGND,
VCC = 18 V
12
14.5
V
VDS(LGX)
Sink voltage drop
I(LGX) = 10 mA, with respect to PGND,
VCC = 18 V
0.6
1
V
current limit control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(lim)
Limit threshold voltage
VCC – V(SENSE)
0.46
0.5
0.54
V
over-current shutdown control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(ocsd)
Detection threshold voltage
VCC – V(SENSE)
0.9
1
1.1
V
EEPROM programming
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPP
VPP programming voltage
12
13
15
V
R(VPP)
VPP pulldown resistance
VPP = 1 V
15
23
35
k


同様の部品番号 - TPIC43T02DA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC43T02DA TI1-TPIC43T02DA Datasheet
423Kb / 28P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
TPIC43T02DAR TI1-TPIC43T02DAR Datasheet
423Kb / 28P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
More results

同様の説明 - TPIC43T02DA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC43T01 TI1-TPIC43T01_14 Datasheet
423Kb / 28P
[Old version datasheet]   THREE-PHASE BRUSHLESS MOTOR RPM CONTROLLERS
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com