データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6A259DW データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6A259DW
部品情報  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC6A259DW データシート(HTML) 9 Page - Texas Instruments

Back Button TPIC6A259DW Datasheet HTML 3Page - Texas Instruments TPIC6A259DW Datasheet HTML 4Page - Texas Instruments TPIC6A259DW Datasheet HTML 5Page - Texas Instruments TPIC6A259DW Datasheet HTML 6Page - Texas Instruments TPIC6A259DW Datasheet HTML 7Page - Texas Instruments TPIC6A259DW Datasheet HTML 8Page - Texas Instruments TPIC6A259DW Datasheet HTML 9Page - Texas Instruments TPIC6A259DW Datasheet HTML 10Page - Texas Instruments TPIC6A259DW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPIC6A259
POWER LOGIC 8-BIT ADDRESSABLE LATCH
SLIS004B – APRIL 1993 – REVISED SEPTEMBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
MAXIMUM CONTINUOUS
DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
0.4
0.2
0.1
0
12
3
4
5
0.6
0.7
67
8
0.5
0.3
VCC = 5 V
TA = 25°C
TA = 100°C
TA = 125°C
N – Number of Outputs Conducting Simultaneously
MAXIMUM PEAK DRAIN CURRENT
OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
N – Number of Outputs Conducting Simultaneously
0.2
0.1
0
1
234
56
7
8
0.3
d = 20%
d = 50%
d = 80%
0.4
0.7
0.6
0.5
0.8
0.9
VCC = 5 V
TA = 25°C
d = tw/tperiod
d = 1 ms/tperiod
Figure 7
Figure 8
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID – Drain Current – A
VCC – Logic Supply Voltage – V
STATIC DRAIN-SOURCE
ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
1
0.75
0.25
0
0
0.2
0.4
0.6
1.25
1.75
2
0.8
1
0.5
1.5
TC = 25°C
TC = 125°C
TC = – 40°C
1.2
VCC = 5 V
See Note A
Current Limit
0
0.25
0.5
0.75
1
1.25
1.5
45
6
7
TC = 125°C
TC = 25°C
TC = – 40°C
1.75
2
ID = 350 mA
See Note A
Figure 9
Figure 10
NOTE A: Technique should limit TJ – TC to 10°C maximum.


同様の部品番号 - TPIC6A259DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6A259DW TI1-TPIC6A259DW Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DWG4 TI1-TPIC6A259DWG4 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DWRG4 TI1-TPIC6A259DWRG4 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

同様の説明 - TPIC6A259DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com