データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6B273N データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6B273N
部品情報  POWER LOGIC OCTAL D-TYPE LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B273N データシート(HTML) 6 Page - Texas Instruments

  TPIC6B273N Datasheet HTML 1Page - Texas Instruments TPIC6B273N Datasheet HTML 2Page - Texas Instruments TPIC6B273N Datasheet HTML 3Page - Texas Instruments TPIC6B273N Datasheet HTML 4Page - Texas Instruments TPIC6B273N Datasheet HTML 5Page - Texas Instruments TPIC6B273N Datasheet HTML 6Page - Texas Instruments TPIC6B273N Datasheet HTML 7Page - Texas Instruments TPIC6B273N Datasheet HTML 8Page - Texas Instruments TPIC6B273N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0.1 A
IF
0
IRM
ta
trr
+
2500
µF
250 V
L = 1 mH
IF
(see Note A)
RG
VGG
(see Note B)
Driver
TP A
50
Circuit
Under
Test
DRAIN
25 V
t1
t3
t2
TP K
TEST CIRCUIT
CURRENT WAVEFORM
25% of IRM
di/dt = 20 A/
µs
NOTES: A. The DRAIN terminal under test is connected to the TP K test point. All other terminals are connected together and connected to the
TP A test point.
B. The VGG amplitude and RG are adjusted for di/dt = 20 A/µs. A VGG double-pulse train is used to set IF = 0.1 A, where t1 = 10 µs,
t2 = 7 µs, and t3 = 3 µs.
Figure 3. Reverse-Recovery-Current Test Circuit and Waveforms of Source-to-Drain Diode
5 V
15 V
Word
Generator
(see Note A)
VCC
DRAIN
GND
D
10.5
200 mH
VDS
TEST CIRCUIT
CLR
DUT
CLK
1
11
20
10
tw
tav
IAS = 0.5 A
V(BR)DSX = 50 V
VOLTAGE AND CURRENT WAVEFORMS
Input
ID
VDS
See Note B
5 V
0 V
ID
4 –7,
14 –17
MIN
NOTES: A. The word generator has the following characteristics: tr
≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration, tw, is increased until peak current IAS = 0.5 A.
Energy test is defined as EAS = IAS x V(BR)DSX x tav/2 = 30 mJ.
Figure 4. Single-Pulse Avalanche Energy Test Circuit and Waveforms


同様の部品番号 - TPIC6B273N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6B273N TI1-TPIC6B273N Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
More results

同様の説明 - TPIC6B273N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com