データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC872G06A データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC872G06A
部品情報  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G06A データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC872G06A Datasheet HTML 6Page - Sanyo Semicon Device LC872G06A Datasheet HTML 7Page - Sanyo Semicon Device LC872G06A Datasheet HTML 8Page - Sanyo Semicon Device LC872G06A Datasheet HTML 9Page - Sanyo Semicon Device LC872G06A Datasheet HTML 10Page - Sanyo Semicon Device LC872G06A Datasheet HTML 11Page - Sanyo Semicon Device LC872G06A Datasheet HTML 12Page - Sanyo Semicon Device LC872G06A Datasheet HTML 13Page - Sanyo Semicon Device LC872G06A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LC872G08A/06A/04A
No.A1400-10/27
Recommended Unused Pin Connections
Recommended Unused Pin Connections
Port Name
Board
Software
P00 to P07
Open
Output low
P10 to P17
Open
Output low
P20 to P21
Open
Output low
P70
Open
Output low
CF1/XT1
Pulled low with a 100k
Ω resistor or less
General-purpose input port
CF2/XT2
Pulled low with a 100k
Ω resistor or less
General-purpose input port
Notes on CF1/XT1 and CF2/XT2 pins
• When using as general-purpose input ports
Since the CF1/XT1 and CF2/XT2 pins are configured as CF oscillator pins at system reset time, it is necessary to
add a current limiting resistor of 1k
Ω or greater to the CF2/XT2 pin in series when using them as general-purpose
input pins.
• Differences between flash and mask ROM version
System Reset Time State
After System Reset is Released
CF1/XT1
Set high via the internal Rf resistor
CF oscillation state
Flash ROM version
LC87F2G08A
CF2/XT2
Set high
CF oscillation state
CF1/XT1
Set low via the internal Rf resistor
CF oscillation state
Mask ROM version
LC872G08A/06A/04A
CF2/XT2
Set low
CF oscillation state
Power Pin Treatment Recommendations (VDD1, VSS1)
Connect bypass capacitors that meet the following conditions between the VDD1 and VSS1 pins:
• Connect among the VDD1 and VSS1 pins and bypass capacitors C1 and C2 with the shortest possible heavy lead
wires, making sure that the impedances between the both pins and the bypass capacitors are as equal as possible
(L1=L1’, L2=L2’).
• Connect a large-capacity capacitor C1 and a small-capacity capacitor C2 in parallel.
The capacitance of C2 should be approximately 0.1
μF.
VSS1
VDD1
L1’
L2’
L1
L2
C1
C2


同様の部品番号 - LC872G06A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC872G06A SANYO-LC872G06A Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results

同様の説明 - LC872G06A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com