データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2815 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2815
部品情報  DUAL HIGH-SPEED MOSFET DRIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS2815 データシート(HTML) 7 Page - Texas Instruments

Back Button TPS2815 Datasheet HTML 3Page - Texas Instruments TPS2815 Datasheet HTML 4Page - Texas Instruments TPS2815 Datasheet HTML 5Page - Texas Instruments TPS2815 Datasheet HTML 6Page - Texas Instruments TPS2815 Datasheet HTML 7Page - Texas Instruments TPS2815 Datasheet HTML 8Page - Texas Instruments TPS2815 Datasheet HTML 9Page - Texas Instruments TPS2815 Datasheet HTML 10Page - Texas Instruments TPS2815 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics for all devices over recommended operating ambient temperature range,
REG_IN open for TPS2811/12/13, CL = 1 nF (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 14 V
14
25
tr
Rise time
VCC = 10 V
15
30
ns
VCC = 5 V
20
35
VCC = 14 V
15
25
tf
Fall time
VCC = 10 V
15
30
ns
VCC = 5 V
18
35
VCC = 14 V
25
40
tPHL
Prop delay time high-to-low-level output
VCC = 10 V
25
45
ns
VCC = 5 V
34
50
VCC = 14 V
24
40
tPLH
Prop delay time low-to-high-level output
VCC = 10 V
26
45
ns
VCC = 5 V
36
50
PARAMETER MEASUREMENT INFORMATION
Regulator
50
0.1
µF
4.7
µF
+
VCC
1 nF
1
2
3
4
8
7
6
5
Input
Output
TPS2811
NOTE A: Input rise and fall times should be
≤10 ns for accurate measurement of ac parameters.
Figure 1. Test Circuit For Measurement of Switching Characteristics


同様の部品番号 - TPS2815

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2815 TI1-TPS2815 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
TPS2815D TI1-TPS2815D Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815DG4 TI1-TPS2815DG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815DR TI1-TPS2815DR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815DRG4 TI1-TPS2815DRG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

同様の説明 - TPS2815

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com