データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK404-200-E データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 STK404-200-E
部品情報  One-Channel Class AB Audio Power Amplifier IC 60W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-200-E データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button STK404-200-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 9Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 10Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STK404-200-E
No. A1491-9/11
Applications
Standby circuit
Use the current limiting resistor R1 (*1) so that the voltage applied to the Stand-by pin (pin #1) does not exceed the
maximum rating voltage.
This pin has a function to release the latch when it is set to the ground level.
Overcurrent Protection Circuit
Overcurrent protection is activated if VOC
≈ 0.5V (typ) is applied to OC (#9). The HIC shuts down (latch mode) and
the state of the error pin switches from high to low. The (open collector output) latch mode is cleared by setting the pin
to the ground level.
Sample Application Circuit
* See "Application Circuit" for recommended values.
+
STK404-200-E
13
12
11
10
9
8
7
6
5
4
3
2
1
ERROR
OC
-Pre
-VCC +VCC
OUT+
OUT-
+Pre
SUB
/GND
IN
NF
ST
BY
DC
Output to speaker
STK404-200-E
13
12
11
10
9
8
7
6
5
4
3
2
1
Standby control voltage (V)
ERROR
OC
-Pre
-VCC +VCC
OUT+
OUT-
+Pre
SUB
/GND
IN NF
ST
BY
(*1) R1
Restriction resistor
DC
(*2) R2=4.7k
Ω
Bias circuit
(predriver IC)
Pin 1 VST voltage: -0.3V to +5.5V (max. rating)
Operating: H (VST
>2.5V)
Standby: L (VST
<0.6V)
Input current (Ist)
Operating: 0.4mA to 1mA


同様の部品番号 - STK404-200-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
More results

同様の説明 - STK404-200-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com