データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK415-120-E データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 STK415-120-E
部品情報  2-Channel Power Switching Audio Power IC, 80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-120-E データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button STK415-120-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 9Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STK415-120-E
No. A1502-6/12
Sample PCB Trace Pattern
STK415-100-E-Sr/STK416-100-E-Sr PCB PARTS LIST
Parts List
STK415, 416-100Sr PCB Parts List
PCB No.
PARTS
RATING
STK415 (416)
-090-E, -100-E,
-120-E, 130-E
STK415-140-E
R01, R02
-
ERX1SJ***
1.5k
Ω, 1W
1.5k
Ω, 1W
R03, R04
100
Ω, 1W
ERG1SJ101
enabled
enabled
R05, R06, (R07), R18,
R19, (R20)
56k
Ω, 1/6W
RN16S563FK
enabled
enabled
R08, R09, (R10)
4.7
Ω, 1W
ERX1SJ4R7
enabled
enabled
R11, R12, (R13)
4.7
Ω, 1/4W
RN14S4R7FK
enabled
enabled
R14, R15, (R16)
-
RN16S***FK
560
Ω, 1/6W
560
Ω, 1/6W
R21, R22, (R23)
1k
Ω, 1/6W
RN16S102FK
enabled
enabled
R25, R27, (R29)
0.22
Ω±10%, 5W
BPR56CFR22J
Short
Short
R24, R26, (R28)
0.22
Ω±10%, 5W
BPR56CFR22J
enabled
enabled
R35, R36, R37
-
-
Short
Short
C01, C02, C05, C06
100
μF, 100V
100MV100HC
enabled
enabled
C03, C04
100
μF, 50V
50MV100HC
enabled
enabled
C07, C08, (C09)
3pF
DD104-63B3ROK50
enabled
enabled
C10, C11, (C12)
0.1
μF, 100V
ECQ-V1H104JZ
enabled
enabled
C13, C14, (C15)
22
μF, 10V
10MV220HC
enabled
enabled
C16, C17, (C18)
2.2
μF, 50V
50MV2R2HC
enabled
enabled
C19, C20, (C21)
470pF
DD104-63B471K50
enabled
enabled
C22, C23, (C24)
100pF
DD104-63B101K50
enabled
enabled
D01, D02
-
-
GZA15X (SANYO)
GZA18X (SANYO)
D03, D04
IF (AV)=3A/60V
enabled
enabled
L01, L02, (L03)
3
μH
enabled
enabled
R30
3.3k
Ω, 1/6W
RN16S332FK
enabled
enabled
R32
1k
Ω, 1/6W
RN16S102FK
enabled
enabled
R33
33k
Ω, 1/6W
RN16S333FK
enabled
enabled
R34
2k
Ω, 1/6W
RN16S202FK
enabled
enabled
C25
47
μF, 10V
10MV47HC
enabled
enabled
D05
-
GMB01 (Ref.)
enabled
enabled
Stand-By
TR1
-
2SC2274 (Ref.)
enabled
enabled
J01
Jumper
20mm
enabled
enabled
J02, J03, J06
Jumper
10mm
enabled
enabled
J04, J05
Jumper
7mm
enabled
enabled
(*1) STK416-100Sr (3ch AMP) doesn’t mount parts of ( ).


同様の部品番号 - STK415-120-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
More results

同様の説明 - STK415-120-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
   Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Sanyo Semicon Device
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com