データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2815P データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2815P
部品情報  DUAL HIGH-SPEED MOSFET DRIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS2815P データシート(HTML) 5 Page - Texas Instruments

  TPS2815P Datasheet HTML 1Page - Texas Instruments TPS2815P Datasheet HTML 2Page - Texas Instruments TPS2815P Datasheet HTML 3Page - Texas Instruments TPS2815P Datasheet HTML 4Page - Texas Instruments TPS2815P Datasheet HTML 5Page - Texas Instruments TPS2815P Datasheet HTML 6Page - Texas Instruments TPS2815P Datasheet HTML 7Page - Texas Instruments TPS2815P Datasheet HTML 8Page - Texas Instruments TPS2815P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGH-SPEED MOSFET DRIVERS
SLVS132D – NOVEMBER 1995 – REVISED NOVEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Regulator input voltage range, REG_IN
– 0.3 V to 42 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, 1IN, 2IN, 1IN1, 1IN2, 1IN2, 2IN1, 2IN2, 2IN2
– 0.3 V to VCC
. . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator output current, REG_OUT
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, 1OUT, 2OUT
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to device GND pin.
recommended operating conditions
MIN
MAX
UNIT
Regulator input voltage range
8
40
V
Supply voltage, VCC
4
14
V
Input voltage, 1IN1, 1IN2, 1IN2, 2IN1, 2IN2, 2IN2, 1IN, 2IN
–0.3
VCC
V
Continuous regulator output current, REG_OUT
0
20
mA
Ambient temperature operating range
–40
125
°C
TPS28xx electrical characteristics over recommended operating ambient temperature range,
VCC = 10 V, REG_IN open for TPS2811/12/13, CL = 1 nF (unless otherwise noted)
inputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC = 5 V
3.3
4
V
Positive-going input threshold voltage
VCC = 10 V
5.8
9
V
VCC = 14 V
8.3
13
V
VCC = 5 V
1
1.6
V
Negative-going input threshold voltage
VCC = 10 V
1
4.2
V
VCC = 14 V
1
6.2
V
Input hysteresis
VCC = 5 V
1.6
V
Input current
Inputs = 0 V or VCC
–1
0.2
1
µA
Input capacitance
5
10
pF
† Typicals are for TA = 25°C unless otherwise noted.
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
High level output voltage
IO = –1 mA
9.75
9.9
V
High-level output voltage
IO = –100 mA
8
9.1
V
Low level output voltage
IO = 1 mA
0.18
0.25
V
Low-level output voltage
IO = 100 mA
1
2
V
Peak output current
VCC = 10 V
2
A
† Typicals are for TA = 25°C unless otherwise noted.


同様の部品番号 - TPS2815P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2815P TI1-TPS2815P Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PE4 TI1-TPS2815PE4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PWLE TI1-TPS2815PWLE Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PWR TI1-TPS2815PWR Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
TPS2815PWRG4 TI1-TPS2815PWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
More results

同様の説明 - TPS2815P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com