データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2465CPWRG4 データシート(PDF) 4 Page - Texas Instruments

部品番号 TLV2465CPWRG4
部品情報  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2465CPWRG4 データシート(HTML) 4 Page - Texas Instruments

  TLV2465CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV2465CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
4
WWW.TI.COM
TLV246x PACKAGE PINOUTS(1)
1
2
3
4
5
10
9
8
7
6
1OUT
1IN −
1IN+
GND
1SHDN
VDD+
2OUT
2IN −
2IN+
2SHDN
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VDD+
IN −
TLV2461
DBV PACKAGE
3
2
4
6
(TOP VIEW)
1
OUT
GND
IN+
VDD+
IN −
TLV2460
DBV PACKAGE
5
SHDN
TLV2463
DGS PACKAGE
(TOP VIEW)
NC − No internal connection
(1) SOT−23 may or may not be indicated
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
GND
NC
1SHDN
NC
VDD+
2OUT
2IN −
2IN+
NC
2SHDN
NC
(TOP VIEW)
TLV2463
D, N, J, OR PW PACKAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
VDD+
2IN+
2IN −
2OUT
4OUT
4IN −
4IN+
GND
3IN+
3IN −
3OUT
(TOP VIEW)
TLV2464
D, N, PWP, J, OR PW PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN −
1IN+
VDD+
2IN+
2IN −
2OUT
1/2SHDN
4OUT
4IN −
4IN+
GND
3IN +
3IN−
3OUT
3/4SHDN
(TOP VIEW)
TLV2465
D, N, PWP, J, OR PW PACKAGE
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD+
2OUT
2IN −
2IN+
TLV2462
D, DGK, P, JG, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
SHDN
VDD+
OUT
NC
TLV2460
D, P, JG, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
NC
VDD+
OUT
NC
TLV2461
D, P, JG, OR PW PACKAGE
(TOP VIEW)
TYPICAL PIN 1 INDICATORS
Printed or
Molded Dot
Bevel Edges
Pin 1
Molded ”U” Shape
Pin 1
Stripe
Pin 1
Pin 1


同様の部品番号 - TLV2465CPWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2465CPWRG4 TI-TLV2465CPWRG4 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

同様の説明 - TLV2465CPWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2460A-EP TI1-TLV2460A-EP Datasheet
1Mb / 33P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-TAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2460A TI-TLV2460A Datasheet
1Mb / 56P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIOANAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com