データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSD-1696 データシート(PDF) 6 Page - Premier Magnetics, Inc.

部品番号 TSD-1696
部品情報  OFF-LINE SWITCH MODE TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PMI [Premier Magnetics, Inc.]
ホームページ  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-1696 データシート(HTML) 6 Page - Premier Magnetics, Inc.

  TSD-1696 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 2Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 3Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 4Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 5Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 6Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 7Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 8Page - Premier Magnetics, Inc. TSD-1696 Datasheet HTML 9Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
6
pol 10/99
OFF-LINE
SWITCH MODE
TRANSFORMERS
14.5
(.571)
MAX
16.8
(.661)
MAX
3.8
(.150)
1.3
(.051)
15.5
(.610)
MAX
11.0
(.433)
12
34
87
65
3.0
(.118)
12
3
4
87
65
WHITE DOT
DENOES PIN#1
CORE
TAPED
∅ 0.6
(.024)
3.5
(.137)
MIN
MECHANICALS
E16-Horz
P
M
POL-XXXX
YYWW
E16-Vert
17.6
(.693)
MAX
6.0
(.236)
TYP
4.5
(.177)
TYP
18.2
(.716)
MAX
16.2
(.638)
MAX
12.5
(.492)
12.5
(.492)
1
3.5
(.138)
10.5
(.413)
23
4
10
2.7
(.106)
13.5
(.531)
98
7
6
5
12
34
10
9
8
7
6
5
PIN #1
WHITE DOT
0.6 DIA.
(.024)
E19-Horz
18.8
(.740)
MAX
20.0
(.788)
MAX
6.0
(.236)
1.3
(.051)
16.4
(.646)
MAX
12.7
(.500)
12
34
12
34
87
65
WHITE DOT
DENOES PIN#1
CORE
TAPED
∅ 0.8
(.032)
5.08
(.200)
6-PLACES
6.5
(.256)
P
M
POL-XXXX
YYWW
P
M
POL-XXXX
YYWW
1
5.00
(.197)
23.00
(.906)
MAX
18.00
(.709)
MAX
21.00
(.827)
MAX
4.0
(.157)
MIN
234
8765
PIN #1
WHITE DOT
12
3
4
CORE
TAPED
0.8 DIA.
(.032)
12.50
(.492)
BOTTOM HALF OF
CORE IS CUFF WRAPPED
WITH MYLAR TO GUARANTEE
5mm PIN-CORE-PIN CREEPAGE
E22/19/6
P
M
POL-XXXX
YYWW


同様の部品番号 - TSD-1696

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
TSD-10 AMPHENOL-TSD-10 Datasheet
107Kb / 2P
   Turbidity Sensor
logo
TECHNOLOGY ASSISTANCE B...
TSD-1000H-12 TAB-TSD-1000H-12 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
TSD-1000H-24 TAB-TSD-1000H-24 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
TSD-1000H-28 TAB-TSD-1000H-28 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
TSD-1000H-48 TAB-TSD-1000H-48 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
More results

同様の説明 - TSD-1696

メーカー部品番号データシート部品情報
logo
Premier Magnetics, Inc.
PNY-05015 PMI-PNY-05015 Datasheet
189Kb / 8P
   OFF-LINE SWITCH MODE TINY SWITCH TRANSFORMERS
PNK-30001 PMI-PNK-30001 Datasheet
85Kb / 3P
   OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Power Integrations, Inc...
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com