データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS76038DBV データシート(PDF) 1 Page - Texas Instruments

部品番号 TPS76038DBV
部品情報  LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS76038DBV データシート(HTML) 1 Page - Texas Instruments

  TPS76038DBV Datasheet HTML 1Page - Texas Instruments TPS76038DBV Datasheet HTML 2Page - Texas Instruments TPS76038DBV Datasheet HTML 3Page - Texas Instruments TPS76038DBV Datasheet HTML 4Page - Texas Instruments TPS76038DBV Datasheet HTML 5Page - Texas Instruments TPS76038DBV Datasheet HTML 6Page - Texas Instruments TPS76038DBV Datasheet HTML 7Page - Texas Instruments TPS76038DBV Datasheet HTML 8Page - Texas Instruments TPS76038DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPS76030, TPS76032, TPS76033, TPS76038, TPS76050
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS144B –JULY 1998 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 50-mA Low-Dropout Regulator
D Fixed Output Voltage Options: 5 V, 3.8 V,
3.3 V, 3.2 V, and 3 V
D Dropout Typically 120 mV at 50 mA
D Thermal Protection
D Less Than 1 µA Quiescent Current in
Shutdown
D –40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 Package
D ESD Protection Verified to 1.5 kV Human
Body Model (HBM) per MIL-STD-883C
description
The TPS760xx is a 50mA, low dropout (LDO) voltage regulator designed specifically for battery-powered
applications. A proprietary BiCMOS fabrication process allows the TPS760xx to provide outstanding
performance in all specifications critical to battery-powered operation.
The TPS760xx is available in a space-saving SOT–23 package and operates over a junction temperature range
of –40
°C to 125°C.
AVAILABLE OPTIONS
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
3 V
TPS76030DBVR
PAGI
3.2 V
TPS76032DBVR
PAOI
–40
°C to 125°C
3.3 V
SOT-23
TPS76033DBVR
PAHI
3.8 V
TPS76038DBVR
PAJI
5 V
TPS76050DBVR
PANI
NOTE: The DBV package is available taped and reeled only.
functional block diagram
Current
Limit
CS
Vref +
Thermal
Sense
IN
EN
GND
OUT
† Current sense
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32
1
45
EN
GND
IN
OUT
NC
DBV PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


同様の部品番号 - TPS76038DBV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76038DBVR TI1-TPS76038DBVR Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76038DBVRG4 TI1-TPS76038DBVRG4 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76038DBVT TI1-TPS76038DBVT Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76038DBVTG4 TI1-TPS76038DBVTG4 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

同様の説明 - TPS76038DBV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com