データシートサーチシステム |
|
BD241B データシート(PDF) 1 Page - Motorola, Inc |
|
BD241B データシート(HTML) 1 Page - Motorola, Inc |
1 / 6 page 1 Motorola Bipolar Power Transistor Device Data Complementary Silicon Plastic Power Transistors . . . designed for use in general purpose amplifier and switching applications. • Collector–Emitter Saturation Voltage — VCE = 1.2 Vdc (Max) @ IC = 3.0 Adc • Collector–Emitter Sustaining Voltage — VCEO(sus) = 80 Vdc (Min.) BD241B, BD242B VCEO(sus) = 100 Vdc (Min.) BD241C, BD242C • High Current Gain — Bandwidth Product fT = 3.0 MHz (Min) @ IC = 500 mAdc • Compact TO–220 AB Package MAXIMUM RATINGS Rating Symbol BD241B BD242B BD241C BD242C Unit Collector–Emitter Voltage VCEO 80 100 Vdc Collector–Emitter Voltage VCES 90 115 Vdc Emitter–Base Voltage VEB 5.0 Vdc Collector Current — Continuous Peak IC 3.0 5.0 Adc Adc Base Current IB 1.0 Adc Total Device Dissipation @ TC = 25_C Derate above 25 _C PD 40 0.32 Watts W/ _C Operating and Storage Junction Temperature Range TJ, Tstg – 65 to + 150 _C THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction to Ambient R θJA 62.5 _C/W Thermal Resistance, Junction to Case R θJC 3.125 _C/W 40 30 20 10 0 0 20 40 60 80 100 120 140 160 Figure 1. Power Derating TC, CASE TEMPERATURE (°C) Preferred devices are Motorola recommended choices for future use and best overall value. MOTOROLA SEMICONDUCTOR TECHNICAL DATA Order this document by BD241B/D © Motorola, Inc. 1995 BD241B BD241C BD242B BD242C 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80, 100 VOLTS 40 WATTS *Motorola Preferred Device * * CASE 221A–06 TO–220AB NPN PNP REV 7 |
同様の部品番号 - BD241B |
|
同様の説明 - BD241B |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |