データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM61002RHBR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCM61002RHBR
部品情報  Two Output, Integrated VCO, Low-Jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002RHBR データシート(HTML) 7 Page - Texas Instruments

Back Button CDCM61002RHBR Datasheet HTML 3Page - Texas Instruments CDCM61002RHBR Datasheet HTML 4Page - Texas Instruments CDCM61002RHBR Datasheet HTML 5Page - Texas Instruments CDCM61002RHBR Datasheet HTML 6Page - Texas Instruments CDCM61002RHBR Datasheet HTML 7Page - Texas Instruments CDCM61002RHBR Datasheet HTML 8Page - Texas Instruments CDCM61002RHBR Datasheet HTML 9Page - Texas Instruments CDCM61002RHBR Datasheet HTML 10Page - Texas Instruments CDCM61002RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CDCM61002
www.ti.com.................................................................................................................................................... SCAS870B – FEBRUARY 2009 – REVISED JULY 2009
TYPICAL OUTPUT PHASE NOISE CHARACTERISTICS (continued)
Over operating free-air temperature range (unless otherwise noted).
CDCM61002
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
625-MHz LVDS Output(3) (see Figure 14)
phn100
Phase noise at 100-Hz offset
–88
dBc/Hz
phn1k
Phase noise at 1-kHz offset
–102
dBc/Hz
phn10k
Phase noise at 10-kHz offset
–109
dBc/Hz
phn100k
Phase noise at 100-kHz offset
–112
dBc/Hz
phn1M
Phase noise at 1-MHz offset
–129
dBc/Hz
phn10M
Phase noise at 10-MHz offset
–146
dBc/Hz
phn20M
Phase noise at 20-MHz offset
–146
dBc/Hz
tRJIT
RMS phase jitter from 10 kHz to 20 MHz
510
fs, RMS
tPJIT
Total period jitter
27
ps, PP
Start-up time, power supply ramp time of 1 ms,
tSTARTUP
2.25
ms
final frequency accuracy of ±10 ppm
(3)
Figure 14 shows test setup and uses 25-MHz quartz crystal, VCC = 3.3 V, TA = +25°C.
TYPICAL OUTPUT JITTER CHARACTERISTICS(1)
OUTPUT
LVCMOS OUTPUT
LVPECL OUTPUT
LVDS OUTPUT
FREQUENCY
(MHz)
INPUT (MHz)
tRJIT
tPJIT (psPP)
tRJIT
tPJIT (psPP)
tRJIT
tPJIT (psPP)
62.5
25
592
32.9
611
20.7
667
28.4
75
25
518
27.5
533
19.4
572
25.7
77.76
24.8832
506
29.2
526
20.9
567
26.9
100
25
507
24.5
510
20.7
533
26.5
106.25
26.5625
535
23.5
524
20.2
553
26.5
125
25
557
39.6
556
21.4
570
27.1
150
25
518
38.4
493
18.9
515
26.2
155.52
24.8832
498
36.9
486
19.8
502
26.7
156.25
25
510
37.7
503
20.7
518
26.5
159.375
26.5625
535
37.4
510
19.9
534
26.3
187.5
25
506
32.8
506
20.3
509
25.5
200
25
491
23.3
492
30
499
34.9
212.5
26.5625
520
47.8
509
30.8
530
37.3
250
25
544
27.4
541
21.4
550
27.5
311.04
24.8832
481
20.5
496
24.7
312.5
25
501
20.8
508
25.8
622.08
24.8832
492
27.2
500
27.2
625
25
515
26.9
509
27
(1)
Figure 10, Figure 12, and Figure 14 show LVCMOS, LVPECL, and LVDS test setups (respectively) using appropriate quartz crystal in,
VCC = 3.3 V, TA = +25°C.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCM61002


同様の部品番号 - CDCM61002RHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM61002RHBR TI-CDCM61002RHBR Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
More results

同様の説明 - CDCM61002RHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com