データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2017D2 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2017D2
部品情報  2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2017D2 データシート(HTML) 3 Page - Texas Instruments

  TPA2017D2 Datasheet HTML 1Page - Texas Instruments TPA2017D2 Datasheet HTML 2Page - Texas Instruments TPA2017D2 Datasheet HTML 3Page - Texas Instruments TPA2017D2 Datasheet HTML 4Page - Texas Instruments TPA2017D2 Datasheet HTML 5Page - Texas Instruments TPA2017D2 Datasheet HTML 6Page - Texas Instruments TPA2017D2 Datasheet HTML 7Page - Texas Instruments TPA2017D2 Datasheet HTML 8Page - Texas Instruments TPA2017D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS TABLE
(1)
TPA2017D2
www.ti.com ..................................................................................................................................................................................................... SLOS584 – APRIL 2009
TERMINAL FUNCTIONS
TERMINAL
I/O/P
DESCRIPTION
NAME
QFN
INR+
15
I
Right channel positive audio input
INR–
14
I
Right channel negative audio input
INL+
1
I
Left channel positive audio input
INL–
2
I
Left channel negative audio input
EN
18
I
Enable terminal (active high)
AGC2
19
I
AGC select function pin 2
AGC1
17
I
AGC select function pin 1
OUTR+
10
O
Right channel positive differential output
OUTR–
9
O
Right channel negative differential output
OUTL+
6
O
Left channel positive differential output
OUTL–
7
O
Left channel negative differential output
AVDD
13
P
Analog supply (must be the same as PVDDR and PVDDL)
AGND
3
P
Analog ground (all GND pins need to be connected)
PVDDR
11, 12
P
Right channel power supply (must be the same as AVDD and PVDDL)
PGND
8
P
Power ground (all GND pins need to be connected)
PVDDL
4, 5
P
Left channel power supply (must be the same as AVDD and PVDDR)
over operating free-air temperature range (unless otherwise noted).
VALUE / UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
–0.3 V to 6 V
INR+, INR–, INL+, INL–
–0.3 V to VDD+0.3 V
Input voltage
EN, AGC1, AGC2
–0.3 V to 6 V
Continuous total power dissipation
See Dissipation Ratings Table
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
Human Body Model (HBM)
2 KV
Electro-Static Discharge
ESD
Tolerance, all pins
Charged Device Model (CDM)
500 V
RLOAD Minimum load resistance
3.6
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
20-pin QFN
5.2 W
41.6 mW/°C
3.12 W
2.7 W
(1)
Dissipations ratings are for a 2-side, 2-plane PCB.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2017D2


同様の部品番号 - TPA2017D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2017D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com