データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1524A データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1524A
部品情報  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1524A データシート(HTML) 3 Page - Texas Instruments

  UC1524A Datasheet HTML 1Page - Texas Instruments UC1524A Datasheet HTML 2Page - Texas Instruments UC1524A Datasheet HTML 3Page - Texas Instruments UC1524A Datasheet HTML 4Page - Texas Instruments UC1524A Datasheet HTML 5Page - Texas Instruments UC1524A Datasheet HTML 6Page - Texas Instruments UC1524A Datasheet HTML 7Page - Texas Instruments UC1524A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UC1524A
UC2524A
UC3524A
PARAMETER
TEST CONDITIONS
UC1524A / UC2524A
UC3524A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Oscillator Section (Unless otherwise specified, RT = 2700
Ω, CT = 0.01 mfd)
Initial Accuracy
TJ = 25°C
414345394347
kHz
Over Operating Range
40.2
45.9
38.2
47.9
kHz
Temperature Stability*
Over Operating Temperature Range
1
2
1
2
%
Minimum Frequency
RT = 150k
Ω, CT = 0.1mfd
140
120
Hz
Maximum Frequency
RT = 2.0k
Ω, CT = 470pF
500
500
kHz
Output Amplitude*
3
3.5
3
3.5
V
Output Pulse Width*
0.29
0.5
1.0
0.3
0.5
1.0
µs
Ramp Peak
3.3
3.5
3.7
3.3
3.5
3.7
V
Ramp Valley
TJ = 25°C
0.7
0.8
0.9
0.7
0.8
0.9
V
Ramp Valley T.C.
-1.0
-1.0
mV/°C
Error Amplifier Section (Unless otherwise specified, VCM = 2.5V)
Input Offset Voltage
0.5
5
2
10
mV
Input Bias Current
1
5
1
10
µA
Input Offset Current
.05
1
0.5
1
µA
Common Mode Rejection Ratio VCM = 1.5 to 5.5V
70
80
70
80
dB
Power Supply Rejection Ratio
VIN = 10 to 40V
70
80
70
80
dB
Output Swing (Note 1)
5.0
0.5
5.0
0.5
V
Open Loop Voltage Gain
∆VO= 1 to 4V, RL ≥ 10MΩ
72
80
64
80
dB
Gain-Bandwidth*
TJ = 25°C, AV = 0dB
1
3
1
3
MHz
DC Transconductance*§
TJ = 25°C, 30k
Ω≤ RL ≤ 1MΩ
1.7
2.3
1.7
2.3
mS
P.W.M. Comparator (RT = 2k
Ω, CT = 0.01mfd)
Minimum Duty Cycle
VCOMP = 0.5V
0
0
%
Maximum Duty Cycle
VCOMP = 3.8V
45
45
%
Current Limit Amplifier (Unless otherwise specified, Pin 5 = 0V)
Input Offset Voltage
TJ = 25°C, E/A Set for Maximum
Output
190
200
210
180
200
220
mV
Over Operating Temperature Range
180
220
170
230
mV
Input Bias Current
-1
-10
-1
-10
µA
Common Mode Rejection Ratio V(pin 5) = -0.3V to + 5.5V
50
60
50
60
dB
Power Supply Rejection Ratio
VIN = 10 to 40V
50
60
50
60
dB
Output Swing (Note 1)
Minimum Total Range
5.0
0.5
5.0
0.5
V
Open-Loop Voltage Gain
∆VO = 1 to 4V, RL ≥ 10MΩ
70
80
70
80
dB
Delay Time*
Pin 4 to Pin 9,
∆VIN = 300mV
300
300
ns
Output Section (Each Output)
Collector Emitter Voltage
IC = 100
µA
6080
6080
V
Collector Leakage Current
VCE = 50V
.1
20
.1
20
µA
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1524A, -40° to +85°C for the UC2524A, and 0°C to + 70°C for the UC3524A; VIN
= VC = 20V, TA =TJ.
* These parameters are ensured by design but not 100% tested in production.
§ DC transconductance (gM) relates to DC open-loop voltage gain according to the following equation: AV =gMRL
where RL is the resistance from pin 9 to the common mode voltage.
The minimum gM specification is used to calculate minimum AV when the error amplifier output is loaded.
Note 1: Min Limit applies to output high level, max limit applies to output low level.


同様の部品番号 - UC1524A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1524A TI-UC1524A Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI1-UC1524A Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524AJ TI-UC1524AJ Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524AJ TI1-UC1524AJ Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524AJ883B TI-UC1524AJ883B Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

同様の説明 - UC1524A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com