データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX6SM-AT データシート(PDF) 1 Page - RSG Electronic Components GmbH

部品番号 CX6SM-AT
部品情報  9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RSG [RSG Electronic Components GmbH]
ホームページ  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX6SM-AT データシート(HTML) 1 Page - RSG Electronic Components GmbH

  CX6SM-AT Datasheet HTML 1Page - RSG Electronic Components GmbH CX6SM-AT Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10117 - Rev B
DESCRIPTION
STATEK’s miniature CX6SM AT crystals in leadless ceramic
packages are designed for surface mounting on printed circuit
boards or hybrid substrates. These crystals have a small land
pattern and a low profile. They are manufactured using the
STATEK-developed photolithographic process, and were
designed utilizing the experience acquired by producing millions
of crystals for industrial, commercial, military and medical
applications.
FEATURES
Ultra low profile (less than 1 mm available) hermetically
sealed ceramic package
Designed for surface mount applications using infrared,
vapor phase, or epoxy mount techniques.
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Medical
Monitoring Equipment
Industrial, Computer & Communications
Down-hole Data Recorder
Environmental Controls
Handheld Inventory Control
Telemetry
Military & Aerospace
Communications
Smart Munitions
Timing Devices (Fuzes)
Surveillance Devices
CX6SM AT CRYSTAL
9.6 MHz to 250 MHz
Ultra-Low Profile Miniature
Surface Mount AT Quartz Crystal
Fundamental Mode:
9.6 MHz - 250 MHz
Third Overtone Mode:
48 MHz
- 160 MHz
A
B
D
D
TOP
BOTTOM
C
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A
0.265
6.73
0.280
7.11
B
0.103
2.62
0.114
2.90
C
-
-
see below
D
0.050
1.27
0.060
1.52
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
inches
mm
inches
mm
SM1
0.039
0.99
0.053
1.35
SM2/SM4
0.041
1.04
0.055
1.40
SM3/SM5
0.044
1.12
0.058
1.47
PACKAGE DIMENSIONS
actual size
side view
SXX
XX
Pb
glass lid
ceramic lid


同様の部品番号 - CX6SM-AT

メーカー部品番号データシート部品情報
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM Datasheet
449Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX6SM EUROQUARTZ-CX6SM Datasheet
149Kb / 2P
   Designed for low power applications
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM Datasheet
160Kb / 2P
   Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX6SM EUROQUARTZ-CX6SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
More results

同様の説明 - CX6SM-AT

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
   9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
   9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
   14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
   14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
   8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
CX1HGSM RSG-CX1HGSM Datasheet
89Kb / 2P
   8 MHz to 250 MHz High Shock Miniature Surface Mount AT Quartz Crystal
logo
STATEK CORPORATION
CX9 STATEK-CX9 Datasheet
182Kb / 2P
   Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
CX6SMAT STATEK-CX6SMAT Datasheet
64Kb / 2P
   Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
CX6SM STATEK-CX6SM_08 Datasheet
160Kb / 2P
   Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com