データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3526 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC3526
部品情報  Regulating Pulse Width Modulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC3526 データシート(HTML) 1 Page - Texas Instruments

  UC3526 Datasheet HTML 1Page - Texas Instruments UC3526 Datasheet HTML 2Page - Texas Instruments UC3526 Datasheet HTML 3Page - Texas Instruments UC3526 Datasheet HTML 4Page - Texas Instruments UC3526 Datasheet HTML 5Page - Texas Instruments UC3526 Datasheet HTML 6Page - Texas Instruments UC3526 Datasheet HTML 7Page - Texas Instruments UC3526 Datasheet HTML 8Page - Texas Instruments UC3526 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC1526
UC2526
UC3526
DESCRIPTION
The UC1526 is a high performance monolithic pulse width modulator
circuit designed for fixed-frequency switching regulators and other
power control applications. Included in an 18-pin dual-in-line pack-
age are a temperature compensated voltage reference, sawtooth os-
cillator, error amplifier, pulse width modulator, pulse metering and
setting logic, and two low impedance power drivers. Also included
are protective features such as soft-start and under-voltage lockout,
digital current limiting, double pulse inhibit, a data latch for single
pulse metering, adjustable deadtime, and provision for symmetry cor-
rection inputs. For ease of interface, all digital control ports are TTL
and B-series CMOS compatible.
Active LOW logic design allows
wired-OR connections for maximum flexibility. This versatile device
can be used to implement single-ended or push-pull switching regu-
lators of either polarity, both transformerless and transformer cou-
pled. The UC1526 is characterized for operation over the full military
temperature range of -55°C to +125°C. The UC2526 is characterized
for operation from -25°C to +85°C, and the UC3526 is characterized
for operation from 0° to +70°C.
Regulating Pulse Width Modulator
FEATURES
8 To 35V Operation
5V Reference Trimmed To
±1%
1Hz To 400kHz Oscillator Range
Dual 100mA Source/Sink Outputs
Digital Current Limiting
Double Pulse Suppression
Programmable Deadtime
Under-Voltage Lockout
Single Pulse Metering
Programmable Soft-Start
Wide Current Limit Common Mode Range
TTL/CMOS Compatible Logic Ports
Symmetry Correction Capability
Guaranteed 6 Unit Synchronization
BLOCK DIAGRAM
6/93


同様の部品番号 - UC3526

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3526 TI-UC3526 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526 TI-UC3526 Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526 TI1-UC3526 Datasheet
615Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526 TI-UC3526 Datasheet
678Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
UC3526A TI-UC3526A Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

同様の説明 - UC3526

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com